Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 172Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 173Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 172 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
172
Freescale Semiconductor
Revision History
Rev. 4
(continued)
11/2011
• In Section 4.3.5, “LVDS I/O DC Parameters,” added the sentence “The parameters in Table 16 are
guaranteed per the operating ranges in Table 6, unless otherwise noted.” before Table 16.
•In Table 16, "LVDS DC Electrical Characteristics," on page 32, changed test condition “Rload=100
Ω
padP, –padN” to “Rload = 100
Ω between padP and padN”.
•In Table 35, " NFC—Timing Characteristics," on page 49, corrected footnote number for Tdl.
•In Table 49, "SD/eMMC4.3 Interface Timing Specification," on page 72, updated eSDHC output delay.
•In Table 50, "eMMC4.4 Interface Timing Specification," on page 73, updated eSDHC output delay.
•In Table 62, "TV Encoder Video Performance Specifications," on page 94, changed test condition
“Fout = 9.28 MHz” for SFDR to “Fout = 8.3 MHz”.
Rev. 3
06/2011
• In Table 6, "i.MX53 Operating Ranges," on page 18, updated operating ranges of VDDGP and VCC.
•In Section 4.1.1, “Absolute Maximum Ratings,” updated the caution note on page 16.
Rev. 2
05/2011 Initial release.
Table 113. i.MX53 Data Sheet Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com