Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 82 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 82 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 78Page - Intel Corporation DG45FC Datasheet HTML 79Page - Intel Corporation DG45FC Datasheet HTML 80Page - Intel Corporation DG45FC Datasheet HTML 81Page - Intel Corporation DG45FC Datasheet HTML 82Page - Intel Corporation DG45FC Datasheet HTML 83Page - Intel Corporation DG45FC Datasheet HTML 84Page - Intel Corporation DG45FC Datasheet HTML 85Page - Intel Corporation DG45FC Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
Intel Desktop Board DG45FC Technical Product Specification
82
Table 42. Lead-Free Board Markings
Description
Mark
Lead-Free 2nd Level Interconnect:
This symbol is used to identify
electrical and electronic
assemblies and components in
which the lead (Pb) concentration
level in the desktop board
substrate and the solder
connections from the board to the
components (second-level
interconnect) is not greater than
0.1% by weight (1000 ppm).
or
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com