Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 29 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 29 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 25Page - Intel Corporation DG45FC Datasheet HTML 26Page - Intel Corporation DG45FC Datasheet HTML 27Page - Intel Corporation DG45FC Datasheet HTML 28Page - Intel Corporation DG45FC Datasheet HTML 29Page - Intel Corporation DG45FC Datasheet HTML 30Page - Intel Corporation DG45FC Datasheet HTML 31Page - Intel Corporation DG45FC Datasheet HTML 32Page - Intel Corporation DG45FC Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Product Description
29
1.11 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The board has several hardware management
features, including the following:
•
Fan monitoring and control
•
Thermal and voltage monitoring
•
Chassis intrusion detection
1.11.1
Hardware Monitoring and Fan Control
The features of the hardware monitoring and fan control include:
•
Intel Quiet System Technology, delivering acoustically-optimized thermal
management
•
Fan speed control controllers and sensors integrated into the ICH10R
•
Remote thermal diode sensor for ambient temperature sensing
•
Thermal sensors in the processor, 82G45 GMCH, and 82801JR ICH10R
•
Power supply monitoring of five voltages (+5 V, +12 V, +3.3 V, +1.125 V, and
+VCCP) to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for both fan headers, that can adjust
the fan speed according to thermal conditions
1.11.2
Fan Monitoring
Fan monitoring can be implemented using Intel® Desktop Utilities or third-party
software.
For information about
Refer to
The functions of the fan headers
Section 1.12.2.2, page 35
1.11.3
Chassis Intrusion and Detection
The board supports a chassis security feature that detects if the chassis cover is
removed. The security feature uses a mechanical switch on the chassis that attaches
to the chassis intrusion header. When the chassis cover is removed, the mechanical
switch is in the closed position.
For information about
Refer to
The location of the chassis intrusion header
Figure 10, page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com