Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 34 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 34 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 30Page - Intel Corporation DG45FC Datasheet HTML 31Page - Intel Corporation DG45FC Datasheet HTML 32Page - Intel Corporation DG45FC Datasheet HTML 33Page - Intel Corporation DG45FC Datasheet HTML 34Page - Intel Corporation DG45FC Datasheet HTML 35Page - Intel Corporation DG45FC Datasheet HTML 36Page - Intel Corporation DG45FC Datasheet HTML 37Page - Intel Corporation DG45FC Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Intel Desktop Board DG45FC Technical Product Specification
34
1.12.2
Hardware Support
CAUTION
Ensure that the power supply provides adequate +5 V standby current if LAN wake
capabilities and Instantly Available PC technology features are used. Failure to do so
can damage the power supply. The total amount of standby current required depends
on the wake devices supported and manufacturing options.
The board provides several power management hardware features, including:
•
Power connector
•
Fan headers
•
LAN wake capabilities
•
Instantly Available PC technology
•
Wake from USB
•
PME# signal wake-up support
•
WAKE# signal wake-up support
•
Wake from Consumer IR
LAN wake capabilities and Instantly Available PC technology require power from the
+5 V standby line.
NOTE
The use of Wake from USB technologies from an ACPI state requires an operating
system that provides full ACPI support.
1.12.2.1
Power Connector
ATX12V-compliant power supplies can turn off the system power through system
control. When an ACPI-enabled system receives the correct command, the power
supply removes all non-standby voltages.
When resuming from an AC power failure, the computer returns to the power state it
was in before power was interrupted (on or off). The computer’s response can be set
using the Last Power State feature in the BIOS Setup program’s Boot menu.
For information about
Refer to
The location of the main power connector
Figure 10, page 44
The signal names of the main power connector
Table 21, page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com