Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 46 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 46 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 42Page - Intel Corporation DG45FC Datasheet HTML 43Page - Intel Corporation DG45FC Datasheet HTML 44Page - Intel Corporation DG45FC Datasheet HTML 45Page - Intel Corporation DG45FC Datasheet HTML 46Page - Intel Corporation DG45FC Datasheet HTML 47Page - Intel Corporation DG45FC Datasheet HTML 48Page - Intel Corporation DG45FC Datasheet HTML 49Page - Intel Corporation DG45FC Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
Intel Desktop Board DG45FC Technical Product Specification
46
2.2.2.1
Signal Tables for the Connectors and Headers
Table 11. Front Panel Audio Header
Pin
Signal Name
Pin
Signal Name
1
[Port 1] Left channel
2
Ground
3
[Port 1] Right channel
4
PRESENCE# (Dongle present)
5
[Port 2] Right channel
6
[Port 1] SENSE_RETURN
7
SENSE_SEND (Jack detection)
8
Key (no pin)
9
[Port 2] Left channel
10
[Port 2] SENSE_RETURN
Table 12. Serial ATA Connectors
Pin
Signal Name
1
Ground
2
TXP
3
TXN
4
Ground
5
RXN
6
RXP
7
Ground
Table 13. Serial Port Header
Pin
Signal Name
Pin
Signal Name
1
DCD (Data Carrier Detect)
2
RXD# (Receive Data)
3
TXD# (Transmit Data)
4
DTR (Data Terminal Ready)
5
Ground
6
DSR (Data Set Ready)
7
RTS (Request to Send)
8
CTS (Clear to Send)
9
RI (Ring Indicator)
10
Key (no pin)
Table 14. Chassis Intrusion Header
Pin
Signal Name
1
Intruder
2
Ground
Table 15. Rear Chassis (3-Pin) Fan Header
Pin
Signal Name
1
Control
2
+12 V
3
Tach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com