Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 28 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 28 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 24Page - Intel Corporation DG45FC Datasheet HTML 25Page - Intel Corporation DG45FC Datasheet HTML 26Page - Intel Corporation DG45FC Datasheet HTML 27Page - Intel Corporation DG45FC Datasheet HTML 28Page - Intel Corporation DG45FC Datasheet HTML 29Page - Intel Corporation DG45FC Datasheet HTML 30Page - Intel Corporation DG45FC Datasheet HTML 31Page - Intel Corporation DG45FC Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
Intel Desktop Board DG45FC Technical Product Specification
28
1.10.2
LAN Subsystem Software
LAN software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining LAN software and drivers
Section 1.2, page 14
1.10.3
RJ-45 LAN Connector with Integrated LEDs
Two LEDs are built into the RJ-45 LAN connector (shown in Figure 5 below).
Item
Description
A
Link LED (Green)
B
Data Rate LED (Green/Yellow)
Figure 5. LAN Connector LED Locations
Table 5 describes the LED states when the board is powered up and the LAN
subsystem is operating.
Table 5. LAN Connector LED States
LED
LED Color
LED State
Condition
Off
LAN link is not established.
On
LAN link is established.
Link
Green
Blinking
LAN activity is occurring.
Off
10 Mbits/sec data rate is selected.
Green
100 Mbits/sec data rate is selected.
Data Rate
Green/Yellow
Yellow
1000 Mbits/sec data rate is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com