Electronic Components Datasheet Search
  English  ▼

X  

DG45FC Datasheet(PDF) 42 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 42 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 38Page - Intel Corporation DG45FC Datasheet HTML 39Page - Intel Corporation DG45FC Datasheet HTML 40Page - Intel Corporation DG45FC Datasheet HTML 41Page - Intel Corporation DG45FC Datasheet HTML 42Page - Intel Corporation DG45FC Datasheet HTML 43Page - Intel Corporation DG45FC Datasheet HTML 44Page - Intel Corporation DG45FC Datasheet HTML 45Page - Intel Corporation DG45FC Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Intel Desktop Board DG45FC Technical Product Specification
42
2.2
Connectors and Headers
CAUTION
Only the following connectors and headers have overcurrent protection: Back panel
and front panel USB.
The other internal connectors/headers are not overcurrent protected and should
connect only to devices inside the computer’s chassis, such as fans and internal
peripherals. Do not use these connectors/headers to power devices external to the
computer’s chassis. A fault in the load presented by the external devices could cause
damage to the computer, the power cable, and the external devices themselves.
NOTE
Computer systems that have an unshielded cable attached to a USB port may not
meet FCC Class B requirements, even if no device is attached to the cable. Use
shielded cable that meets the requirements for full-speed devices.
This section describes the board’s connectors and headers. The connectors and
headers can be divided into these groups:
•
Back panel I/O connectors (see page 43)
•
Component-side connectors and headers (see page 44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com