Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 195 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 195 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 191Page - Altera Corporation EP3SE110 Datasheet HTML 192Page - Altera Corporation EP3SE110 Datasheet HTML 193Page - Altera Corporation EP3SE110 Datasheet HTML 194Page - Altera Corporation EP3SE110 Datasheet HTML 195Page - Altera Corporation EP3SE110 Datasheet HTML 196Page - Altera Corporation EP3SE110 Datasheet HTML 197Page - Altera Corporation EP3SE110 Datasheet HTML 198Page - Altera Corporation EP3SE110 Datasheet HTML 199Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–185
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.544
3.544
5.223
5.415
5.942
5.794
6.223
5.415 5.942 5.794 6.223
ns
GCLK
PLL
t
co
4.108
4.108
6.064
6.263
6.897
6.717
7.260
6.263 6.897 6.717 7.260
ns
6mA
GCLK
tco
3.537
3.537
5.221
5.414
5.941
5.793
6.222
5.414 5.941 5.793 6.222
ns
GCLK
PLL
t
co
4.102
4.102
6.063
6.263
6.903
6.724
7.265
6.263 6.903 6.724 7.265
ns
8mA
GCLK
t
co
3.529
3.529
5.214
5.406
5.934
5.786
6.215
5.406 5.934 5.786 6.215
ns
GCLK
PLL
t
co
4.094
4.094
6.055
6.255
6.885
6.706
7.247
6.255 6.885 6.706 7.247
ns
10mA
GCLK
t
co
3.532
3.532
5.217
5.410
5.938
5.790
6.219
5.410 5.938 5.790 6.219
ns
GCLK
PLL
t
co
4.096
4.096
6.058
6.258
6.887
6.707
7.250
6.258 6.887 6.707 7.250
ns
12mA
GCLK
t
co
3.529
3.529
5.219
5.413
5.942
5.794
6.223
5.413 5.942 5.794 6.223
ns
GCLK
PLL
t
co
4.093
4.093
6.060
6.261
6.895
6.716
7.257
6.261 6.895 6.716 7.257
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.537
3.537
5.218
5.411
5.938
5.790
6.219
5.411 5.938 5.790 6.219
ns
GCLK
PLL
tco
4.101
4.101
6.059
6.259
6.898
6.718
7.261
6.259 6.898 6.718 7.261
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.549
3.549
5.232
5.425
5.953
5.805
6.234
5.425 5.953 5.805 6.234
ns
GCLK
PLL
tco
4.113
4.113
6.072
6.273
6.910
6.730
7.273
6.273 6.910 6.730 7.273
ns
6mA
GCLK
t
co
3.545
3.545
5.233
5.427
5.956
5.808
6.237
5.427 5.956 5.808 6.237
ns
GCLK
PLL
t
co
4.109
4.109
6.075
6.276
6.907
6.727
7.270
6.276 6.907 6.727 7.270
ns
8mA
GCLK
t
co
3.541
3.541
5.228
5.422
5.951
5.803
6.232
5.422 5.951 5.803 6.232
ns
GCLK
PLL
t
co
4.105
4.105
6.070
6.271
6.902
6.722
7.265
6.271 6.902 6.722 7.265
ns
10mA
GCLK
t
co
3.534
3.534
5.221
5.415
5.944
5.796
6.225
5.415 5.944 5.796 6.225
ns
GCLK
PLL
t
co
4.098
4.098
6.063
6.264
6.896
6.716
7.259
6.264 6.896 6.716 7.259
ns
12mA
GCLK
t
co
3.535
3.535
5.228
5.423
5.954
5.806
6.235
5.423 5.954 5.806 6.235
ns
GCLK
PLL
t
co
4.098
4.098
6.069
6.271
6.900
6.721
7.262
6.271 6.900 6.721 7.262
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.533
3.533
5.209
5.401
5.928
5.780
6.209
5.401 5.928 5.780 6.209
ns
GCLK
PLL
t
co
4.096
4.096
6.050
6.249
6.884
6.704
7.247
6.249 6.884 6.704 7.247
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com