Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 191 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 191 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 187Page - Altera Corporation EP3SE110 Datasheet HTML 188Page - Altera Corporation EP3SE110 Datasheet HTML 189Page - Altera Corporation EP3SE110 Datasheet HTML 190Page - Altera Corporation EP3SE110 Datasheet HTML 191Page - Altera Corporation EP3SE110 Datasheet HTML 192Page - Altera Corporation EP3SE110 Datasheet HTML 193Page - Altera Corporation EP3SE110 Datasheet HTML 194Page - Altera Corporation EP3SE110 Datasheet HTML 195Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–181
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V
LVCMOS
4mA
GCLK
tco
3.583
3.583
5.243
5.427
5.947
5.800
6.228
5.427 5.947 5.800 6.228
ns
GCLK
PLL
t
co
4.149
4.149
6.087
6.279
6.903
6.724
7.265
6.279 6.903 6.724 7.265
ns
8mA
GCLK
tco
3.504
3.504
5.120
5.298
5.812
5.665
6.093
5.298 5.812 5.665 6.093
ns
GCLK
PLL
t
co
4.070
4.070
5.963
6.149
6.793
6.614
7.155
6.149 6.793 6.614 7.155
ns
12mA
GCLK
t
co
3.499
3.499
5.112
5.291
5.804
5.656
6.085
5.291 5.804 5.656 6.085
ns
GCLK
PLL
t
co
4.063
4.063
5.955
6.142
6.761
6.581
7.124
6.142 6.761 6.581 7.124
ns
16mA
GCLK
t
co
3.490
3.490
5.098
5.276
5.789
5.641
6.070
5.276 5.789 5.641 6.070
ns
GCLK
PLL
t
co
4.054
4.054
5.940
6.126
6.767
6.588
7.129
6.126 6.767 6.588 7.129
ns
2.5 V
4mA
GCLK
t
co
3.705
3.705
5.450
5.654
6.194
6.047
6.475
5.654 6.194 6.047 6.475
ns
GCLK
PLL
t
co
4.269
4.269
6.293
6.504
7.111
6.932
7.473
6.504 7.111 6.932 7.473
ns
8mA
GCLK
t
co
3.605
3.605
5.331
5.528
6.062
5.915
6.343
5.528 6.062 5.915 6.343
ns
GCLK
PLL
tco
4.172
4.172
6.174
6.379
6.987
6.808
7.349
6.379 6.987 6.808 7.349
ns
12mA
GCLK
t
co
3.561
3.561
5.244
5.438
5.967
5.819
6.248
5.438 5.967 5.819 6.248
ns
GCLK
PLL
tco
4.127
4.127
6.087
6.288
6.909
6.730
7.271
6.288 6.909 6.730 7.271
ns
16mA
GCLK
t
co
3.523
3.523
5.205
5.395
5.924
5.776
6.205
5.395 5.924 5.776 6.205
ns
GCLK
PLL
t
co
4.088
4.088
6.048
6.246
6.852
6.673
7.214
6.246 6.852 6.673 7.214
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com