Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 193 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 193 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 189Page - Altera Corporation EP3SE110 Datasheet HTML 190Page - Altera Corporation EP3SE110 Datasheet HTML 191Page - Altera Corporation EP3SE110 Datasheet HTML 192Page - Altera Corporation EP3SE110 Datasheet HTML 193Page - Altera Corporation EP3SE110 Datasheet HTML 194Page - Altera Corporation EP3SE110 Datasheet HTML 195Page - Altera Corporation EP3SE110 Datasheet HTML 196Page - Altera Corporation EP3SE110 Datasheet HTML 197Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–183
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2 V
2mA
GCLK
tco
3.758
3.758
5.626
5.882
6.481
6.333
6.762
5.882 6.481 6.333 6.762
ns
GCLK
PLL
t
co
4.322
4.322
6.468
6.731
7.392
7.212
7.755
6.731 7.392 7.212 7.755
ns
4mA
GCLK
tco
3.635
3.635
5.401
5.621
6.195
6.047
6.476
5.621 6.195 6.047 6.476
ns
GCLK
PLL
t
co
4.200
4.200
6.243
6.471
7.107
6.927
7.470
6.471 7.107 6.927 7.470
ns
6mA
GCLK
t
co
3.597
3.597
5.308
5.531
6.082
5.934
6.363
5.531 6.082 5.934 6.363
ns
GCLK
PLL
t
co
4.162
4.162
6.150
6.381
6.993
6.813
7.356
6.381 6.993 6.813 7.356
ns
8mA
GCLK
t
co
3.550
3.550
5.280
5.482
6.026
5.878
6.307
5.482 6.026 5.878 6.307
ns
GCLK
PLL
t
co
4.113
4.113
6.121
6.331
6.946
6.766
7.309
6.331 6.946 6.766 7.309
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.550
3.550
5.237
5.430
5.957
5.809
6.238
5.430 5.957 5.809 6.238
ns
GCLK
PLL
t
co
4.114
4.114
6.078
6.278
6.903
6.723
7.266
6.278 6.903 6.723 7.266
ns
10mA
GCLK
t
co
3.547
3.547
5.234
5.426
5.953
5.805
6.234
5.426 5.953 5.805 6.234
ns
GCLK
PLL
tco
4.111
4.111
6.075
6.274
6.899
6.720
7.261
6.274 6.899 6.720 7.261
ns
12mA
GCLK
t
co
3.545
3.545
5.234
5.427
5.954
5.806
6.235
5.427 5.954 5.806 6.235
ns
GCLK
PLL
tco
4.110
4.110
6.075
6.275
6.899
6.719
7.262
6.275 6.899 6.719 7.262
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.536
3.536
5.220
5.412
5.939
5.791
6.220
5.412 5.939 5.791 6.220
ns
GCLK
PLL
t
co
4.101
4.101
6.062
6.261
6.883
6.703
7.246
6.261 6.883 6.703 7.246
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.557
3.557
5.249
5.444
5.973
5.825
6.254
5.444 5.973 5.825 6.254
ns
GCLK
PLL
t
co
4.121
4.121
6.090
6.292
6.923
6.744
7.285
6.292 6.923 6.744 7.285
ns
6mA
GCLK
t
co
3.553
3.553
5.247
5.442
5.971
5.823
6.252
5.442 5.971 5.823 6.252
ns
GCLK
PLL
t
co
4.117
4.117
6.088
6.290
6.920
6.740
7.283
6.290 6.920 6.740 7.283
ns
8mA
GCLK
t
co
3.542
3.542
5.237
5.432
5.962
5.814
6.243
5.432 5.962 5.814 6.243
ns
GCLK
PLL
t
co
4.107
4.107
6.079
6.281
6.919
6.740
7.281
6.281 6.919 6.740 7.281
ns
10mA
GCLK
t
co
3.531
3.531
5.225
5.419
5.949
5.801
6.230
5.419 5.949 5.801 6.230
ns
GCLK
PLL
t
co
4.095
4.095
6.066
6.268
6.894
6.715
7.256
6.268 6.894 6.715 7.256
ns
12mA
GCLK
tco
3.531
3.531
5.224
5.419
5.949
5.801
6.230
5.419 5.949 5.801 6.230
ns
GCLK
PLL
t
co
4.095
4.095
6.066
6.268
6.892
6.712
7.255
6.268 6.892 6.712 7.255
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com