Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 194 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 194 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 190Page - Altera Corporation EP3SE110 Datasheet HTML 191Page - Altera Corporation EP3SE110 Datasheet HTML 192Page - Altera Corporation EP3SE110 Datasheet HTML 193Page - Altera Corporation EP3SE110 Datasheet HTML 194Page - Altera Corporation EP3SE110 Datasheet HTML 195Page - Altera Corporation EP3SE110 Datasheet HTML 196Page - Altera Corporation EP3SE110 Datasheet HTML 197Page - Altera Corporation EP3SE110 Datasheet HTML 198Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 341 page
background image
1–184
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
8mA
GCLK
tco
3.537
3.537
5.223
5.416
5.944
5.796
6.225
5.416 5.944 5.796 6.225
ns
GCLK
PLL
t
co
4.102
4.102
6.065
6.265
6.895
6.715
7.258
6.265 6.895 6.715 7.258
ns
16mA
GCLK
tco
3.540
3.540
5.231
5.426
5.956
5.808
6.237
5.426 5.956 5.808 6.237
ns
GCLK
PLL
t
co
4.104
4.104
6.072
6.274
6.918
6.738
7.281
6.274 6.918 6.738 7.281
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.561
3.561
5.259
5.455
5.986
5.838
6.267
5.455 5.986 5.838 6.267
ns
GCLK
PLL
t
co
4.124
4.124
6.100
6.303
6.937
6.757
7.300
6.303 6.937 6.757 7.300
ns
6mA
GCLK
t
co
3.547
3.547
5.248
5.445
5.977
5.829
6.258
5.445 5.977 5.829 6.258
ns
GCLK
PLL
t
co
4.112
4.112
6.090
6.294
6.923
6.743
7.286
6.294 6.923 6.743 7.286
ns
8mA
GCLK
t
co
3.536
3.536
5.235
5.431
5.963
5.815
6.244
5.431 5.963 5.815 6.244
ns
GCLK
PLL
t
co
4.100
4.100
6.076
6.280
6.908
6.728
7.271
6.280 6.908 6.728 7.271
ns
10mA
GCLK
t
co
3.535
3.535
5.238
5.435
5.967
5.819
6.248
5.435 5.967 5.819 6.248
ns
GCLK
PLL
tco
4.099
4.099
6.078
6.283
6.905
6.726
7.268
6.283 6.905 6.726 7.268
ns
12mA
GCLK
t
co
3.532
3.532
5.232
5.429
5.961
5.813
6.242
5.429 5.961 5.813 6.242
ns
GCLK
PLL
tco
4.096
4.096
6.073
6.277
6.899
6.719
7.262
6.277 6.899 6.719 7.262
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
3.534
3.534
5.221
5.415
5.944
5.796
6.225
5.415 5.944 5.796 6.225
ns
GCLK
PLL
t
co
4.098
4.098
6.063
6.264
6.896
6.716
7.259
6.264 6.896 6.716 7.259
ns
16mA
GCLK
t
co
3.537
3.537
5.228
5.424
5.955
5.807
6.236
5.424 5.955 5.807 6.236
ns
GCLK
PLL
t
co
4.101
4.101
6.070
6.272
6.920
6.740
7.283
6.272 6.920 6.740 7.283
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com