Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 190 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 190 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 186Page - Altera Corporation EP3SE110 Datasheet HTML 187Page - Altera Corporation EP3SE110 Datasheet HTML 188Page - Altera Corporation EP3SE110 Datasheet HTML 189Page - Altera Corporation EP3SE110 Datasheet HTML 190Page - Altera Corporation EP3SE110 Datasheet HTML 191Page - Altera Corporation EP3SE110 Datasheet HTML 192Page - Altera Corporation EP3SE110 Datasheet HTML 193Page - Altera Corporation EP3SE110 Datasheet HTML 194Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 341 page
background image
1–180
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–93 lists the EP3SL340 column pins output timing parameters for single-ended
I/O standards.
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.705
3.705
5.372
5.559
6.083
5.935
6.364
5.559 6.083 5.935 6.364
ns
GCLK
PLL
t
co
4.269
4.269
6.214
6.409
6.992
6.812
7.355
6.409 6.992 6.812 7.355
ns
8mA
GCLK
t
co
3.638
3.638
5.263
5.448
5.970
5.822
6.251
5.448 5.970 5.822 6.251
ns
GCLK
PLL
t
co
4.202
4.202
6.105
6.298
6.879
6.699
7.242
6.298 6.879 6.699 7.242
ns
12mA
GCLK
t
co
3.552
3.552
5.160
5.350
5.878
5.730
6.159
5.350 5.878 5.730 6.159
ns
GCLK
PLL
t
co
4.116
4.116
6.001
6.200
6.789
6.609
7.152
6.200 6.789 6.609 7.152
ns
16mA
GCLK
t
co
3.545
3.545
5.143
5.322
5.837
5.689
6.118
5.322 5.837 5.689 6.118
ns
GCLK
PLL
t
co
4.110
4.110
5.985
6.172
6.747
6.567
7.110
6.172 6.747 6.567 7.110
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.711
3.711
5.377
5.564
6.090
5.942
6.371
5.564 6.090 5.942 6.371
ns
GCLK
PLL
tco
4.275
4.275
6.218
6.414
7.000
6.820
7.363
6.414 7.000 6.820 7.363
ns
8mA
GCLK
t
co
3.556
3.556
5.170
5.367
5.889
5.741
6.170
5.367 5.889 5.741 6.170
ns
GCLK
PLL
t
co
4.120
4.120
6.012
6.217
6.799
6.619
7.162
6.217 6.799 6.619 7.162
ns
12mA
GCLK
t
co
3.563
3.563
5.164
5.346
5.863
5.715
6.144
5.346 5.863 5.715 6.144
ns
GCLK
PLL
t
co
4.127
4.127
6.006
6.196
6.775
6.595
7.138
6.196 6.775 6.595 7.138
ns
16mA
GCLK
t
co
3.547
3.547
5.141
5.320
5.834
5.686
6.115
5.320 5.834 5.686 6.115
ns
GCLK
PLL
t
co
4.111
4.111
5.983
6.171
6.746
6.566
7.109
6.171 6.746 6.566 7.109
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.669
3.669
5.339
5.528
6.050
5.902
6.331
5.528 6.050 5.902 6.331
ns
GCLK
PLL
t
co
4.232
4.232
6.181
6.377
6.983
6.803
7.346
6.377 6.983 6.803 7.346
ns
8mA
GCLK
t
co
3.558
3.558
5.209
5.394
5.912
5.765
6.193
5.394 5.912 5.765 6.193
ns
GCLK
PLL
t
co
4.125
4.125
6.053
6.246
6.867
6.688
7.229
6.246 6.867 6.688 7.229
ns
12mA
GCLK
tco
3.522
3.522
5.146
5.325
5.838
5.691
6.119
5.325 5.838 5.691 6.119
ns
GCLK
PLL
t
co
4.087
4.087
5.987
6.174
6.803
6.624
7.165
6.174 6.803 6.624 7.165
ns
16mA
GCLK
t
co
3.504
3.504
5.117
5.297
5.810
5.662
6.091
5.297 5.810 5.662 6.091
ns
GCLK
PLL
t
co
4.068
4.068
5.959
6.147
6.780
6.601
7.142
6.147 6.780 6.601 7.142
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com