Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 327 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 327 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 323Page - Altera Corporation EP3SE110 Datasheet HTML 324Page - Altera Corporation EP3SE110 Datasheet HTML 325Page - Altera Corporation EP3SE110 Datasheet HTML 326Page - Altera Corporation EP3SE110 Datasheet HTML 327Page - Altera Corporation EP3SE110 Datasheet HTML 328Page - Altera Corporation EP3SE110 Datasheet HTML 329Page - Altera Corporation EP3SE110 Datasheet HTML 330Page - Altera Corporation EP3SE110 Datasheet HTML 331Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–317
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–168 and Table 1–169 list the regional clock timing parameters for EP3SL200.
Table 1–170 and Table 1–171 list the periphery clock timing parameters for EP3SL200
devices.
Table 1–168. EP3SL200 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.006
2.035
3.020
3.113
3.494
3.213
3.743
3.113
3.531
3.213
3.743
ns
t
COUT
2.006
2.035
3.020
3.113
3.494
3.213
3.743
3.113
3.531
3.213
3.743
ns
t
PLLCIN
0.059
0.086
-0.150
-0.191
-0.109
-0.094
0.116
-0.191
0.291
-0.094
0.116
ns
t
PLLCOUT
0.059
0.086
-0.150
-0.191
-0.109
-0.094
0.116
-0.191
0.291
-0.094
0.116
ns
Table 1–169. EP3SL200 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.937
2.065
3.000
3.070
3.414
3.275
3.597
3.139
3.479
3.275
3.597
ns
t
COUT
1.855
1.974
2.848
2.910
3.233
3.104
3.438
2.971
3.290
3.104
3.438
ns
t
PLLCIN
0.126
0.197
-0.059
-0.091
-0.051
-0.036
-0.041
-0.043
0.410
-0.036
-0.041
ns
t
PLLCOUT
0.044
0.106
-0.211
-0.254
-0.232
-0.207
-0.200
-0.213
0.221
-0.207
-0.200
ns
Table 1–170. EP3SL200 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.720
1.712
2.615
2.776
3.177
3.044
3.660
2.776
3.177
3.044
3.660
ns
t
COUT
1.720
1.712
2.615
2.776
3.177
3.044
3.660
2.776
3.177
3.044
3.660
ns
t
PLLCIN
0.037
0.064
-0.173
-0.213
-0.135
-0.118
0.090
-0.213
0.292
-0.118
0.090
ns
t
PLLCOUT
0.037
0.064
-0.173
-0.213
-0.135
-0.118
0.090
-0.213
0.292
-0.118
0.090
ns
Table 1–171. EP3SL200 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.501
1.575
2.380
2.518
2.892
2.761
3.077
2.567
2.938
2.761
3.077
ns
t
COUT
1.419
1.484
2.225
2.355
2.711
2.590
2.918
2.397
2.749
2.590
2.918
ns
t
PLLCIN
0.105
0.174
-0.081
-0.118
-0.077
-0.061
-0.063
-0.067
0.411
-0.061
-0.063
ns
t
PLLCOUT
0.023
0.083
-0.233
-0.281
-0.258
-0.232
-0.222
-0.237
0.222
-0.232
-0.222
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com