Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 328 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 328 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 324Page - Altera Corporation EP3SE110 Datasheet HTML 325Page - Altera Corporation EP3SE110 Datasheet HTML 326Page - Altera Corporation EP3SE110 Datasheet HTML 327Page - Altera Corporation EP3SE110 Datasheet HTML 328Page - Altera Corporation EP3SE110 Datasheet HTML 329Page - Altera Corporation EP3SE110 Datasheet HTML 330Page - Altera Corporation EP3SE110 Datasheet HTML 331Page - Altera Corporation EP3SE110 Datasheet HTML 332Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 341 page
background image
1–318
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
EP3SL340 Clock Timing Parameters
Table 1–172 and Table 1–173 list the global clock timing parameters for EP3S340
devices.
Table 1–174 and Table 1–175 list the regional clock timing parameters for EP3SL340
devices.
Table 1–172. EP3SL340 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.357
2.331
3.440
3.566
3.938
3.807
4.482
3.566
3.938
3.807
4.482
ns
t
COUT
2.357
2.331
3.440
3.566
3.938
3.807
4.482
3.566
3.938
3.807
4.482
ns
t
PLLCIN
0.091
0.058
-0.165
-0.152
-0.140
-0.096
0.111
-0.152
-0.140
-0.096
0.111
ns
t
PLLCOUT
0.091
0.058
-0.165
-0.152
-0.140
-0.096
0.111
-0.152
-0.140
-0.096
0.111
ns
Table 1–173. EP3SL340 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.293
2.479
3.608
3.630
4.020
3.880
4.324
3.746
4.099
3.977
4.369
ns
t
COUT
2.211
2.388
3.456
3.470
3.839
3.709
4.165
3.578
3.910
3.798
4.210
ns
t
PLLCIN
0.121
0.210
-0.034
-0.098
-0.045
-0.001
-0.042
-0.031
0.005
0.051
-0.083
ns
t
PLLCOUT
0.039
0.119
-0.186
-0.261
-0.226
-0.172
-0.201
-0.201
-0.184
-0.128
-0.242
ns
Table 1–174. EP3SL340 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.031
2.013
2.958
3.073
3.435
3.308
3.803
3.073
3.435
3.308
3.803
ns
t
COUT
2.031
2.013
2.958
3.073
3.435
3.308
3.803
3.073
3.435
3.308
3.803
ns
t
PLLCIN
0.127
0.094
-0.128
-0.116
-0.104
-0.061
0.148
-0.116
-0.104
-0.061
0.148
ns
t
PLLCOUT
0.127
0.094
-0.128
-0.116
-0.104
-0.061
0.148
-0.116
-0.104
-0.061
0.148
ns
Table 1–175. EP3SL340 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.998
2.161
3.129
3.149
3.501
3.376
3.648
3.242
3.570
3.463
3.707
ns
t
COUT
1.916
2.070
2.977
2.989
3.320
3.205
3.492
3.074
3.381
3.284
3.551
ns
t
PLLCIN
0.157
0.248
0.006
-0.069
-0.009
0.017
-0.011
0.003
0.039
0.093
-0.057
ns
t
PLLCOUT
0.075
0.157
-0.146
-0.232
-0.190
-0.154
-0.170
-0.167
-0.150
-0.086
-0.216
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com