Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 332 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 332 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 328Page - Altera Corporation EP3SE110 Datasheet HTML 329Page - Altera Corporation EP3SE110 Datasheet HTML 330Page - Altera Corporation EP3SE110 Datasheet HTML 331Page - Altera Corporation EP3SE110 Datasheet HTML 332Page - Altera Corporation EP3SE110 Datasheet HTML 333Page - Altera Corporation EP3SE110 Datasheet HTML 334Page - Altera Corporation EP3SE110 Datasheet HTML 335Page - Altera Corporation EP3SE110 Datasheet HTML 336Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 341 page
background image
1–322
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–188 and Table 1–189 list the periphery clock timing parameters for EP3SE80
devices.
EP3SE110 Clock Timing Parameters
Table 1–190 and Table 1–191 list the global clock timing parameters for EP3SE110
devices.
Table 1–188. EP3SE80 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.564
1.585
2.309
2.566
2.962
2.838
3.377
2.566
2.962
2.838
3.377
ns
t
COUT
1.564
1.584
2.308
2.566
2.962
2.844
3.377
2.566
2.962
2.844
3.377
ns
t
PLLCIN
-0.028
-0.006
-0.234
-0.327
-0.270
-0.193
-0.018
-0.327
-0.270
-0.193
-0.018
ns
t
PLLCOUT
-0.028
-0.006
-0.234
-0.327
-0.270
-0.193
-0.018
-0.327
-0.270
-0.193
-0.018
ns
Table 1–189. EP3SE80 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.441
1.503
2.156
2.429
2.776
2.665
2.934
2.477
2.828
2.711
2.959
ns
t
COUT
1.359
1.412
2.011
2.266
2.595
2.494
2.775
2.307
2.639
2.532
2.800
ns
t
PLLCIN
0.004
0.077
-0.186
-0.268
-0.243
-0.177
-0.238
-0.219
-0.177
-0.128
-0.287
ns
t
PLLCOUT
-0.078
-0.014
-0.328
-0.431
-0.424
-0.348
-0.397
-0.389
-0.366
-0.307
-0.446
ns
Table 1–190. EP3SE110 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.046
2.046
2.868
3.144
3.524
3.429
3.989
3.144
3.524
3.429
3.989
ns
t
COUT
2.046
2.046
2.868
3.144
3.524
3.429
3.989
3.144
3.524
3.429
3.989
ns
t
PLLCIN
-0.020
-0.034
-0.265
-0.311
-0.267
-0.198
-0.034
-0.311
-0.267
-0.198
-0.034
ns
t
PLLCOUT
-0.020
-0.034
-0.265
-0.311
-0.267
-0.198
-0.034
-0.311
-0.267
-0.198
-0.034
ns
Table 1–191. EP3SE110 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.985
2.130
2.928
3.183
3.546
3.437
3.772
3.250
3.615
3.507
3.815
ns
t
COUT
1.903
2.039
2.786
3.020
3.365
3.266
3.613
3.082
3.426
3.328
3.656
ns
t
PLLCIN
0.012
0.084
-0.180
-0.253
-0.223
-0.173
-0.223
-0.207
-0.173
-0.123
-0.267
ns
t
PLLCOUT
-0.070
-0.007
-0.322
-0.416
-0.404
-0.344
-0.382
-0.377
-0.362
-0.302
-0.426
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com