Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 334 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 334 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 330Page - Altera Corporation EP3SE110 Datasheet HTML 331Page - Altera Corporation EP3SE110 Datasheet HTML 332Page - Altera Corporation EP3SE110 Datasheet HTML 333Page - Altera Corporation EP3SE110 Datasheet HTML 334Page - Altera Corporation EP3SE110 Datasheet HTML 335Page - Altera Corporation EP3SE110 Datasheet HTML 336Page - Altera Corporation EP3SE110 Datasheet HTML 337Page - Altera Corporation EP3SE110 Datasheet HTML 338Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 341 page
background image
1–324
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
EP3SE260 Clock Timing Parameters
Table 1–196 and Table 1–197 list the global clock timing parameters for EP3SE260
devices.
Table 1–198 and Table 1–199 list the regional clock timing parameters for EP3SE260
devices.
Table 1–196. EP3SE260 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.237
2.237
3.302
3.416
3.837
3.683
4.331
3.416
3.837
3.683
4.331
ns
t
COUT
2.237
2.237
3.302
3.416
3.837
3.683
4.331
3.416
3.837
3.683
4.331
ns
t
PLLCIN
0.040
0.040
-0.199
-0.211
-0.135
-0.127
0.074
-0.211
0.296
-0.127
0.074
ns
t
PLLCOUT
0.040
0.040
-0.199
-0.211
-0.135
-0.127
0.074
-0.211
0.296
-0.127
0.074
ns
Table 1–197. EP3SE260 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.171
2.374
3.458
3.526
3.868
3.768
4.184
3.564
3.943
3.768
4.184
ns
t
COUT
2.089
2.283
3.306
3.366
3.687
3.597
4.025
3.396
3.754
3.597
4.025
ns
t
PLLCIN
0.091
0.172
-0.087
-0.116
-0.085
-0.031
-0.071
-0.077
0.399
-0.031
-0.071
ns
t
PLLCOUT
0.009
0.081
-0.239
-0.279
-0.266
-0.202
-0.230
-0.247
0.210
-0.202
-0.230
ns
Table 1–198. EP3SE260 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.930
2.003
2.983
2.955
3.531
3.209
3.736
2.955
3.531
3.209
3.736
ns
t
COUT
1.930
2.003
2.983
2.955
3.531
3.209
3.736
2.955
3.531
3.209
3.736
ns
t
PLLCIN
0.061
0.066
-0.172
-0.191
-0.109
-0.091
0.102
-0.191
0.302
-0.091
0.102
ns
t
PLLCOUT
0.061
0.066
-0.172
-0.191
-0.109
-0.091
0.102
-0.191
0.302
-0.091
0.102
ns
Table 1–199. EP3SE260 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.903
2.065
3.000
3.070
3.388
3.294
3.593
3.103
3.457
3.294
3.593
ns
t
COUT
1.821
1.974
2.848
2.910
3.207
3.123
3.434
2.935
3.268
3.123
3.434
ns
t
PLLCIN
0.088
0.199
-0.056
-0.091
-0.081
-0.009
-0.049
-0.078
0.379
-0.009
-0.049
ns
t
PLLCOUT
0.006
0.108
-0.208
-0.254
-0.262
-0.180
-0.208
-0.248
0.190
-0.180
-0.208
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com