Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 335 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 335 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 331Page - Altera Corporation EP3SE110 Datasheet HTML 332Page - Altera Corporation EP3SE110 Datasheet HTML 333Page - Altera Corporation EP3SE110 Datasheet HTML 334Page - Altera Corporation EP3SE110 Datasheet HTML 335Page - Altera Corporation EP3SE110 Datasheet HTML 336Page - Altera Corporation EP3SE110 Datasheet HTML 337Page - Altera Corporation EP3SE110 Datasheet HTML 338Page - Altera Corporation EP3SE110 Datasheet HTML 339Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–325
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–200 and Table 1–201 list the periphery clock timing parameters for EP3SE260
devices.
Table 1–200. EP3SE260 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.709
1.716
2.620
2.765
3.177
3.039
3.668
2.765
3.177
3.039
3.668
ns
t
COUT
1.709
1.716
2.620
2.765
3.177
3.039
3.668
2.765
3.177
3.039
3.668
ns
t
PLLCIN
0.037
0.037
-0.202
-0.213
-0.140
-0.119
0.075
-0.213
0.293
-0.119
0.075
ns
t
PLLCOUT
0.037
0.037
-0.202
-0.213
-0.140
-0.119
0.075
-0.213
0.293
-0.119
0.075
ns
Table 1–201. EP3SE260 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.495
1.574
2.378
2.518
2.878
2.776
3.072
2.555
2.926
2.776
3.072
ns
t
COUT
1.413
1.483
2.223
2.355
2.697
2.605
2.913
2.385
2.737
2.605
2.913
ns
t
PLLCIN
0.065
0.172
-0.084
-0.118
-0.103
-0.033
-0.071
-0.103
0.384
-0.033
-0.071
ns
t
PLLCOUT
-0.017
0.081
-0.236
-0.281
-0.284
-0.204
-0.230
-0.273
0.195
-0.204
-0.230
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com