Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 339 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 339 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 333Page - Altera Corporation EP3SE110 Datasheet HTML 334Page - Altera Corporation EP3SE110 Datasheet HTML 335Page - Altera Corporation EP3SE110 Datasheet HTML 336Page - Altera Corporation EP3SE110 Datasheet HTML 337Page - Altera Corporation EP3SE110 Datasheet HTML 338Page - Altera Corporation EP3SE110 Datasheet HTML 339Page - Altera Corporation EP3SE110 Datasheet HTML 340Page - Altera Corporation EP3SE110 Datasheet HTML 341Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 339 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–329
Glossary
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
V
VCM (D C)
DC Common Mode Input Voltage.
VICM
Input Common Mode Voltage: The common mode of the differential signal at the receiver.
VID
Input Differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
VD IF( AC)
AC Differential Input Voltage: Minimum AC input differential voltage required for switching.
VDIF (DC)
DC Differential Input Voltage: Minimum DC input differential voltage required for switching.
VIH
Voltage Input High: The minimum positive voltage applied to the input that is accepted by the
device as a logic high.
VI H( AC)
High-level AC input voltage
VIH(D C)
High-level DC input voltage
VIL
Voltage Input Low: The maximum positive voltage applied to the input that is accepted by the
device as a logic low.
VIL(AC )
Low-level AC input voltage
VIL (D C)
Low-level DC input voltage
VOCM
Output Common Mode Voltage: The common mode of the differential signal at the
transmitter.
VOD
Output differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter.
W
W
High-Speed I/O Block: Clock Boost Factor
X
——
Y
——
Z
——
Table 1.
Glossary Table (Part 4 of 4)
Letter
Subject
Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com