Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 35Page - Texas Instruments TAS5760M Datasheet HTML 36Page - Texas Instruments TAS5760M Datasheet HTML 37Page - Texas Instruments TAS5760M Datasheet HTML 38Page - Texas Instruments TAS5760M Datasheet HTML 39Page - Texas Instruments TAS5760M Datasheet HTML 40Page - Texas Instruments TAS5760M Datasheet HTML 41Page - Texas Instruments TAS5760M Datasheet HTML 42Page - Texas Instruments TAS5760M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
TAS5760M
www.ti.com
SLOS772B – JULY 2013 – REVISED JULY 2013
Considerations for Setting the Speaker Amplifier Gain Structure
Configuration of the gain of the amplifier is important to the overall noise and output power performance of the
TAS5760M. Higher gain settings mean that more power can be driven from an amplifier before it becomes
voltage limited. Moreover, when output clipping "at the rail" is desired, it becomes important that there be enough
voltage gain in the signal path to drive the output signal above the PVDD level in order to "clip" the output signal
at the PVDD level in the output stage. Another desirable aspect of higher gain settings is that the dynamic
headroom of an amplifier is increased with higher gain settings, which increases the overall dynamic audio
quality of the signal being amplified.
With these advantages in mind, it may seem that setting the gain at the highest setting available would be
appropriate. However, there are some drawbacks to having a gain that is set arbitrarily high. The first drawback
is that a higher gain setting results in increased amplification of any noise that is present in the signal path. If the
gain is set too high, and the speaker is sensitive enough, this may result in an audible "hiss" at the speakers
when no audio is playing. Another consideration is that the speakers used in the system may not be rated for
operation at the power levels which would be possible for the given PVDD supply that is present in the system.
For this reason, it may be necessary to limit the voltage swing of the amplifier via a lower gain setting in order to
reduce the voltage presented, and therefore, the power delivered, to the speaker.
Recommendations for Setting the Speaker Amplifier Gain Structure in Hardware Control Mode
1. Determine the maximum power target and the speaker impedance which is required for the application.
2. Calculate the required output voltage swing for the given speaker impedance which will deliver the target
maximum power.
3. Chose the lowest gain setting via the SPK_GAIN[1:0] pins that produces an output voltage swing higher than
the required output voltage swing for the target maximum power.
NOTE
A higher gain setting can be used, provided the noise performance is acceptable and the
power delivered to the speaker remains within the safe operating area (SOA) of the
speaker, using the soft clipper if necessary to set the clip point within the SOA of the
speaker.
4. Characterize the clipping behavior of the system at the rated power.
–
If the system does not produce the target power before clipping that is required, increase the gain setting.
–
If the system meets the power requirements, but clipping is preferred at the rated power, use the soft
clipper to set the clip point
–
If the system makes more power than is required but the noise performance is too high, consider
reducing the gain.
5. Repeat Step 4 above until the optimum balance of power, noise, and clipping behavior is achieved.
Copyright © 2013, Texas Instruments Incorporated
39
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com