Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 45Page - Texas Instruments TAS5760M Datasheet HTML 46Page - Texas Instruments TAS5760M Datasheet HTML 47Page - Texas Instruments TAS5760M Datasheet HTML 48Page - Texas Instruments TAS5760M Datasheet HTML 49Page - Texas Instruments TAS5760M Datasheet HTML 50Page - Texas Instruments TAS5760M Datasheet HTML 51Page - Texas Instruments TAS5760M Datasheet HTML 52Page - Texas Instruments TAS5760M Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
1.0 UF
1.0 UF
1.0 UF
0.22UF
0.22UF
0.22UF
0.22UF
1.0 UF
VDD
System Processor
&
Associated Passive
Components
LFILT
LFILT
CFILT
CFILT
LFILT
LFILT
CFILT
CFILT
38
39
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
37
36
35
34
33
32
31
30
29
28
27
26
25
10
11
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
DVDD
SPK_GAIN1
SPK_SLEEP/ADR
MCLK
SDIN
LRCK
DGND
NC
NC
NC
NC
NC
NC
NC
SCLK
SPK_GAIN0
SFT_CLIP
GGND
AVDD
PVDD
PVDD
BSTRPA+
SPK_OUTA+
PGND
SPK_OUTA-
BSTRPB+
SPK_OUTB-
PGND
BSTRPB-
PVDD
PVDD
NC
NC
NC
NC
NC
NC
NC
SPK_OUTB+
BSTRPA-
GVDD_REG
10 l3
VDD
PVDD
0.1 UF
0.1 UF
470 UF
HIGH
Æ 1101101[
R/
W]
LOW
Æ 1101100[
R/
W]
10 l3
TAS5760M
www.ti.com
SLOS772B – JULY 2013 – REVISED JULY 2013
APPLICATION INFORMATION
These typical connection diagrams highlight the required external components and system level connections for
proper operation of the device in several popular use cases.
Each of these configurations can be realized using the Evaluation Modules (EVMs) for the device. These flexible
modules allow full evaluation of the device in all available modes of operation. Additioanlly, some of the
application circuits are available as reference designs and can be found on the TI website. Also see the
TAS5760M's product page for information on ordering the EVM. Note that not all configurations are available as
reference designs; however, any design variation can be supported by TI through schematic and layout reviews.
Visit support.ti.com for additional design assistance. Also, join the audio amplifier discussion forum at
http://e2e.ti.com.
TAS5760x Typical Application Circuits
These application circuits detail the recommended component selection and board configurations for the
TAS5760M or TAS5760L device. Note that in Software Control mode, the clipping point of the amplifier and thus
the "rated power" of the end equipment can be set using the digital clipper if desired. Additionally, if the sonic
signature of the soft clipper is preferred, it can be used in addition to or in lieu of the digital clipper. The software
control application circuit detailed in this section shows the soft clipper in its bypassed state, which results in a
lower BOM count than when using the soft clipper. The trade-off between the sonic characteristics of the clipping
events in the amplifier and BOM minimization can be chosen based upon the design goals related to the end
product.
For further information regarding component selection, please refer tothe user guide provided with the device's
EVM.
Figure 48. Stereo BTL using Software Control, 48 Pin DCA Package Option
Copyright © 2013, Texas Instruments Incorporated
49
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com