Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5760M Datasheet HTML 1Page - Texas Instruments TAS5760M Datasheet HTML 2Page - Texas Instruments TAS5760M Datasheet HTML 3Page - Texas Instruments TAS5760M Datasheet HTML 4Page - Texas Instruments TAS5760M Datasheet HTML 5Page - Texas Instruments TAS5760M Datasheet HTML 6Page - Texas Instruments TAS5760M Datasheet HTML 7Page - Texas Instruments TAS5760M Datasheet HTML 8Page - Texas Instruments TAS5760M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
TAS5760M
SLOS772B – JULY 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The TAS5760M is a stereo I2S input device which includes hardware and software (I²C) control modes,
integrated digital clipper, several gain options, and a wide power supply operating range to enable use in a
multitude of applications. The TAS5760M operates with a nominal supply voltage from 4.5 to 24 VDC.
An optimal mix of thermal performance and device cost is provided in the 120 m
Ω RDS(ON) of the output
MOSFETs. Additionally, a thermally enhanced 48-Pin TSSOP provides excellent operation in the elevated
ambient temperatures found in modern consumer electronic devices.
The entire TAS5760xx family is pin to pin compatible in the 48-Pin TSSOP package. Alternatively, to achieve the
smallest possible solutions size for applications where pin to pin compatibility and a headphone or line driver are
not required, a 32-Pin TSSOP package is offered for the TAS5760M and TAS5760L devices. The I2C register
map in all of the TAS5760xx family is identical, to ensure low development overhead when choosing between
devices based upon system level requirements.
TAS5760xx FAMILY INFORMATION
Device
Description
Package
Flexible, general purpose I²S input class D Amplifier with
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
TAS5760MDDCA
integrated headphone / line driver and integrated digital clipper,
(DCA)
which supports PVDD levels
≤ 24 V
TAS5760MDCA
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general purpose I²S input class D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 24 V
TAS5760MDAP
32 Pin, 0.65mm Lead Pitch, Pad-down TSSOP
(DAP)
Flexible, general purpose I²S input class D Amplifier with
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
TAS5760LDDCA
integrated headphone / line driver and integrated digital clipper,
(DCA)
which supports PVDD levels
≤ 15V
TAS5760LDCA
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general purpose I²S input class D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 15V
TAS5760LDAP
32 Pin, 0.65mm Lead Pitch, Pad-down TSSOP
(DAP)
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com