Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 17Page - Texas Instruments TAS5760M Datasheet HTML 18Page - Texas Instruments TAS5760M Datasheet HTML 19Page - Texas Instruments TAS5760M Datasheet HTML 20Page - Texas Instruments TAS5760M Datasheet HTML 21Page - Texas Instruments TAS5760M Datasheet HTML 22Page - Texas Instruments TAS5760M Datasheet HTML 23Page - Texas Instruments TAS5760M Datasheet HTML 24Page - Texas Instruments TAS5760M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
PVDD = 12 V
PVDD = 18 V
PVDD = 24 V
RL = 8 Ω
DVDD = 3.3 V + 200 mVP-P
G020
20
25
30
35
40
8
10
12
14
16
18
20
22
24
PVDD (V)
RL = 8 Ω
G042
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right−to−Left
Left−to−Right
PVCC = 24 V
RL = 4 Ω
G031
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
PVDD = 12 V
PVDD = 18 V
PVDD = 24 V
RL = 8 Ω
G019
0.001
0.01
0.1
1
10
0.01
0.1
1
10
80
Output Power (W)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G029
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
45
50
55
60
Total Output Power (W)
PVDD = 12 V
PVDD = 18 V
PVDD = 24 V
RL = 8 Ω
G030
TAS5760M
www.ti.com
SLOS772B – JULY 2013 – REVISED JULY 2013
TYPICAL SPEAKER AMPLIFIER PERFORMANCE CHARACTERISTICS (Stereo BTL
Mode) (continued)
At TA = 25°C, fSPK_AMP = 384kHz, input signal is 1 kHz Sine, unless otherwise noted.
Filter used for 8
Ω = 22 µH + 0.68 µF, Filter used for 6 Ω = 15 µH + 0.68 µF, Filter used for 4 Ω = 10 µH + 0.68 µF unless
otherwise noted.
Figure 7. THD+N vs Output Power with
Figure 8. Efficiency vs Output Power
PVDD = 24 V, Both Channels Driven
Figure 9. Crosstalk vs Frequency
Figure 10. PVDD PSRR vs Frequency
Figure 11. DVDD PSRR vs Frequency
Figure 12. Idle Current Draw vs PVDD (Filterless)
Copyright © 2013, Texas Instruments Incorporated
21
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com