Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 13Page - Texas Instruments TAS5760M Datasheet HTML 14Page - Texas Instruments TAS5760M Datasheet HTML 15Page - Texas Instruments TAS5760M Datasheet HTML 16Page - Texas Instruments TAS5760M Datasheet HTML 17Page - Texas Instruments TAS5760M Datasheet HTML 18Page - Texas Instruments TAS5760M Datasheet HTML 19Page - Texas Instruments TAS5760M Datasheet HTML 20Page - Texas Instruments TAS5760M Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
TAS5760M
www.ti.com
SLOS772B – JULY 2013 – REVISED JULY 2013
TYPICAL IDLE, MUTE, SHUTDOWN, OPERATIONAL POWER CONSUMPTION (continued)
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
VPVDD
RSPK
IPVDD+AVDD
IDVDD
PDISS
Speaker Amplifier State
[V]
[
Ω]
[mA]
[mA]
[W]
4
32.95
3.74
0.41
Idle
8
32.93
3.73
0.41
4
32.98
3.73
0.41
Mute
8
32.97
3.73
0.41
fSPK_AMP =
384kHz
4
12.71
0.47
0.15
Sleep
8
12.75
0.5
0.15
4
0.053
0.04
0
Shutdown
8
0.053
0.04
0
4
44.84
3.73
0.55
Idle
8
44.82
3.73
0.55
4
42.71
3.72
0.52
Mute
8
42.66
3.72
0.52
fSPK_AMP =
12
768kHz
4
12.71
0.49
0.15
Sleep
8
12.73
0.52
0.15
4
0.063
0.03
0
Shutdown
8
0.053
0.03
0
4
59.3
3.73
0.72
Idle
8
59.3
3.73
0.72
4
55.74
3.72
0.68
Mute
8
55.74
3.72
0.68
fSPK_AMP =
1152kHz
4
12.67
0.49
0.15
Sleep
8
12.61
0.43
0.15
4
0.053
0.02
0
Shutdown
8
0.053
0.03
0
Copyright © 2013, Texas Instruments Incorporated
17
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com