Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  Check for Samples: TAS5760M
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 9Page - Texas Instruments TAS5760M Datasheet HTML 10Page - Texas Instruments TAS5760M Datasheet HTML 11Page - Texas Instruments TAS5760M Datasheet HTML 12Page - Texas Instruments TAS5760M Datasheet HTML 13Page - Texas Instruments TAS5760M Datasheet HTML 14Page - Texas Instruments TAS5760M Datasheet HTML 15Page - Texas Instruments TAS5760M Datasheet HTML 16Page - Texas Instruments TAS5760M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
TAS5760M
www.ti.com
SLOS772B – JULY 2013 – REVISED JULY 2013
SPEAKER AMPLIFIER IN MONO PARALLEL BRIDGE TIED LOAD (PBTL) MODE
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
69
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
85
-
µVrms
RSPK = 8Ω, A-Weighted
ICN
Idle Channel Noise
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
-
85
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 24 V, SPK_GAIN[1:0] Pins =10,
-
131
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
28.6
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
43.2
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous Output
PO(SPK)
Power
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
-
68.3
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
-
40
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
-
21.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
-
114.7
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
-
63.5
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
-
34.1
-
W
RSPK = 8Ω, THD+N = 0.1%
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com