Electronic Components Datasheet Search
  English  ▼

X  

4TPC150M Datasheet(PDF) 4 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 4 Page - Texas Instruments

  4TPC150M Datasheet HTML 1Page - Texas Instruments 4TPC150M Datasheet HTML 2Page - Texas Instruments 4TPC150M Datasheet HTML 3Page - Texas Instruments 4TPC150M Datasheet HTML 4Page - Texas Instruments 4TPC150M Datasheet HTML 5Page - Texas Instruments 4TPC150M Datasheet HTML 6Page - Texas Instruments 4TPC150M Datasheet HTML 7Page - Texas Instruments 4TPC150M Datasheet HTML 8Page - Texas Instruments 4TPC150M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
DISSIPATION RATINGS
DERATING
PACKAGE
AIR FLOW (CFM)
TA ≤ +25°C
TA = +70°C
TA = +85°C
FACTOR
0
3.067W
30.67mW/°C
1.687W
1.227W
PWP(1)
250
4.115W
41.15mW/°C
2.265W
1.646W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 4-layer PCB, 1 oz. copper on a 4-in by 4-in ground
layer. For more information, refer to TI technical brief SLMA002.
RECOMMENDED OPERATING CONDITIONS
Over operating temperature range (unless otherwise noted).
MIN
MAX
UNIT
Input voltage, VI
(1) (regulator 1 and 2)
2.7
6
V
Output current, IO (regulator 1)
0
1
A
Output current, IO (regulator 2)
0
2
A
Output voltage range (for adjustable option)
1.22
5.5
V
Operating virtual junction temperature, TJ
–40
+125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
4
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com