Electronic Components Datasheet Search
  English  ▼

X  

4TPC150M Datasheet(PDF) 19 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 19 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 15Page - Texas Instruments 4TPC150M Datasheet HTML 16Page - Texas Instruments 4TPC150M Datasheet HTML 17Page - Texas Instruments 4TPC150M Datasheet HTML 18Page - Texas Instruments 4TPC150M Datasheet HTML 19Page - Texas Instruments 4TPC150M Datasheet HTML 20Page - Texas Instruments 4TPC150M Datasheet HTML 21Page - Texas Instruments 4TPC150M Datasheet HTML 22Page - Texas Instruments 4TPC150M Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
0
0.2
0.4
0.6 0.8
1
1.2
1.4 1.6
1.8
2
50
0
1
0
-50
2
V
=1.8V
I =2A
C =47 F
OUT2
O
O
m
t
Time
ms
-
-
0
0.2
0.4
0.6 0.8
1
1.2
1.4 1.6
1.8
2
0
0.5
0
-50
-100
1
50
V
=4.3V
V
=3.3V
C =22 F
IN1
OUT1
O
m
t
Time
ms
-
-
0
20
40
60
80
100 120 140 160 180 20
100
2.8
0
100
3.8
200
V
=1.8V
I =2A
C =47 F
OUT2
O
O
m
t
Time
s
-
- m
0
20
40
60
80
100 120 140 160 180 200
50
4.3
0
50
5.3
100
V
=3.3V
I =1A
C =22 F
OUT1
O
O
m
t
Time
s
-
- m
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 22.
Figure 23.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 24.
Figure 25.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com