Electronic Components Datasheet Search
  English  ▼

X  

4TPC150M Datasheet(PDF) 23 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 23 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 19Page - Texas Instruments 4TPC150M Datasheet HTML 20Page - Texas Instruments 4TPC150M Datasheet HTML 21Page - Texas Instruments 4TPC150M Datasheet HTML 22Page - Texas Instruments 4TPC150M Datasheet HTML 23Page - Texas Instruments 4TPC150M Datasheet HTML 24Page - Texas Instruments 4TPC150M Datasheet HTML 25Page - Texas Instruments 4TPC150M Datasheet HTML 26Page - Texas Instruments 4TPC150M Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
100
75
50
25
0
2
3
5
125
150
7
8
1
4
6
0.3
Natural Convection
50ft/min
250ft/min
300ft/min
100ft/min
150ft/min
200ft/min
CopperHeatsinkArea - cm
2
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
The thermal pad is directly connected to the substrate of the IC, which for the TPS704xx series is a secondary
electrical connection to device ground. The heat-sink surface that is added to the PWP can be a ground plane or
left electrically isolated. In TO220-type surface-mount packages, the thermal connection is also the primary
electrical connection for a given terminal which is not always ground. The PWP package provides up to 24
independent leads that can be used as inputs and outputs (Note: leads 1, 12, 13, and 24 are internally
connected to the thermal pad and the IC substrate).
THERMAL RESISTANCE
vs COPPER HEATSINK AREA
Figure 34.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com