Electronic Components Datasheet Search
  English  ▼

X  

4TPC150M Datasheet(PDF) 22 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 22 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 18Page - Texas Instruments 4TPC150M Datasheet HTML 19Page - Texas Instruments 4TPC150M Datasheet HTML 20Page - Texas Instruments 4TPC150M Datasheet HTML 21Page - Texas Instruments 4TPC150M Datasheet HTML 22Page - Texas Instruments 4TPC150M Datasheet HTML 23Page - Texas Instruments 4TPC150M Datasheet HTML 24Page - Texas Instruments 4TPC150M Datasheet HTML 25Page - Texas Instruments 4TPC150M Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
DIE
Side View(a)
EndView(b)
DIE
Thermal
Pad
BottomView(c)
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
THERMAL INFORMATION
Thermally-Enhanced TSSOP-24 (PWP— PowerPAD™)
The thermally-enhanced PWP package is based on the 24-pin TSSOP, but includes a thermal pad [see
Figure 33(c)] to provide an effective thermal contact between the IC and the printed wiring board (PWB).
Traditionally, surface mount and power have been mutually exclusive terms. A variety of scaled-down
TO220-type packages have leads formed as gull wings to make them applicable for surface-mount applications.
These packages, however, suffer from several shortcomings: they do not address the very low profile
requirements (<2 mm) of many of today’s advanced systems, and they do not offer a pin-count high enough to
accommodate increasing integration. On the other hand, traditional low-power surface-mount packages require
power-dissipation derating that severely limits the usable range of many high-performance analog circuits.
The PWP package (thermally-enhanced TSSOP) combines fine-pitch surface-mount technology with thermal
performance comparable to much larger power packages.
The PWP package is designed to optimize the heat transfer to the PWB. Because of the very small size and
limited mass of a TSSOP package, thermal enhancement is achieved by improving the thermal conduction paths
that remove heat from the component. The thermal pad is formed using a lead-frame design (patent pending)
and manufacturing technique to provide the user with direct connection to the heat-generating IC. When this pad
is soldered or otherwise coupled to an external heat dissipator, high power dissipation in the ultrathin, fine-pitch,
surface-mount package can be reliably achieved.
Figure 33. Views of Thermally-Enhanced PWP Package
Because the conduction path has been enhanced, power-dissipation capability is determined by the thermal
considerations in the PWB design. For example, simply adding a localized copper plane (heat-sink surface),
which is coupled to the thermal pad, enables the PWP package to dissipate 2.5 W in free air (reference
Figure 35(a), 8 cm2 of copper heat sink and natural convection). Increasing the heat-sink size increases the
power dissipation range for the component. The power dissipation limit can be further improved by adding airflow
to a PWB/IC assembly (see Figure 34 and Figure 35). The line drawn at 0.3 cm2 in Figure 34 and Figure 35
indicates performance at the minimum recommended heat-sink size, illustrated in Figure 36.
22
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com