Electronic Components Datasheet Search
  English  ▼

X  

4TPC150M Datasheet(PDF) 1 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 1 Page - Texas Instruments

  4TPC150M Datasheet HTML 1Page - Texas Instruments 4TPC150M Datasheet HTML 2Page - Texas Instruments 4TPC150M Datasheet HTML 3Page - Texas Instruments 4TPC150M Datasheet HTML 4Page - Texas Instruments 4TPC150M Datasheet HTML 5Page - Texas Instruments 4TPC150M Datasheet HTML 6Page - Texas Instruments 4TPC150M Datasheet HTML 7Page - Texas Instruments 4TPC150M Datasheet HTML 8Page - Texas Instruments 4TPC150M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HEATSINK
GND/HEATSINK
V
IN1
V
IN2
V
OUT2
V
OUT1
V
SENSE2/FB2
V
IN1
V
IN2
V
OUT2
V
OUT1
NC
MR
EN1
EN2
RESET
GND
NC=Nointernalconnection
GND/HEATSINK
GND/HEATSINK
NC
NC
PG2
PG1
V
SENSE1/FB1
PWPPACKAGE
(TOPVIEW)
1.8 V
VIN1
VIN2
EN1
EN2
VOUT1
VSENSE1
PG1
MR
RESET
PG2
VSENSE2
VOUT2
TPS70451PWP
5V
3.3V
I/O
PG2
Core
0.22 mF
RESET
22 mF
47 mF
0.22 mF
MR
PG1
EN1
250kW
>2V
<0.7V
250kW
>2V
<0.7V
>2V
<0.7V
EN2
250kW
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Check for Samples: TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
1
FEATURES
DESCRIPTION
23
•
Dual Output Voltages for Split-Supply
The
TPS704xx
family
of
devices
consists
of
Applications
dual-output,
low-dropout
voltage
regulators
with
integrated SVS (RESET, POR, or power on reset)
•
Independent Enable Functions (See Part
and power good (PG) functions. These devices are
Number TPS703xx for Sequenced Outputs)
capable of supplying 1 A and 2 A by regulator 1 and
•
Output Current Range of 1 A on Regulator 1
regulator 2 respectively. Quiescent current is typically
and 2 A on Regulator 2
185 mA at full load. Differentiated features, such as
•
Fast Transient Response
accuracy, fast transient response, SVS supervisory
circuit (power on reset), manual reset input, and
•
Voltage Options: 3.3-V/2.5-V, 3.3-V/1.8-V,
independent enable functions provide a complete
3.3-V/1.5-V, 3.3-V/1.2-V, and Dual Adjustable
system solution.
Outputs
•
Open Drain Power-On Reset with 120-ms Delay
•
Open Drain Power Good for Regulator 1 and
Regulator 2
•
Ultralow 185mA (typ) Quiescent Current
•
2mA Input Current During Standby
•
Low Noise: 78mVRMS Without Bypass Capacitor
•
Quick Output Capacitor Discharge Feature
•
One Manual Reset Input
•
2% Accuracy Over Load and Temperature
•
Undervoltage Lockout (UVLO) Feature
•
24-Pin PowerPAD™ TSSOP Package
•
Thermal Shutdown Protection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 4TPC150M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4TPB150MC SANYO-4TPB150MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
4TPB150MC SANYO-4TPB150MC Datasheet
58Kb / 2P
TPB Series
4TPB220M SANYO-4TPB220M Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
4TPB220M SANYO-4TPB220M Datasheet
58Kb / 2P
TPB Series
4TPB220MC SANYO-4TPB220MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
More results

Similar Description - 4TPC150M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com