Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 28Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 29Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 30Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 31Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 32Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 33Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 34Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 35Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
32 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11. Static characteristics
Table 9.
Static characteristics
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core
and external rail)
1.8
3.3
3.6
V
IDD
supply current
Active mode; code
while(1){}
executed from flash;
system clock = 12 MHz; default
mode; VDD = 3.3 V
[2][3][4]
[6][7]
-1.4
-
mA
system clock = 12 MHz;
low-current mode; VDD = 3.3 V
[2][3][4]
[6][7]
-1.0
-
mA
system clock = 24 MHz;
low-current mode; VDD = 3.3 V
[2][3][8]
[6][7]
-2.2
-
mA
system clock = 30 MHz; default
mode; VDD = 3.3 V
[2][3][6]
[7][9]
-3.3
-
mA
system clock = 30 MHz;
low-current mode; VDD = 3.3 V
[2][3][6]
[7][9]
-3
-
mA
Sleep mode;
system clock = 12 MHz; default
mode; VDD = 3.3 V
[2][3][4]
[6][7]
-0.8
-
mA
system clock = 12 MHz;
low-current mode; VDD = 3.3 V
[2][3][4]
[6][7]
-0.7
-
mA
system clock = 24 MHz;
low-current mode; VDD = 3.3 V
[2][3][8]
[6][7]
-1.3
-
mA
system clock = 30 MHz; default
mode; VDD = 3.3 V
[2][3][9]
[6][7]
-1.8
-
mA
system clock = 30 MHz;
low-current mode; VDD = 3.3 V
[2][3][9]
[6][7]
-1.7
-
mA
Deep-sleep mode;
VDD = 3.3 V
[2][3][10] -
170
-
A
Power-down mode;
VDD = 3.3 V
[2][3][10] -1.8
-
A
Deep power-down mode; VDD =
3.3 V;
Low-power oscillator off
[2][11] -
220
-
nA
Low-power oscillator on/WKT
wake-up enabled
[2][11] -1
-
A
Standard port pins configured as digital pins, RESET; see Figure 12
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down
resistor disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0 V; VO =VDD; on-chip
pull-up/down resistors disabled
-
0.5
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com