Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 11Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 12Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 13Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 14Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 15Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 16Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 17Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 18Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
15 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
• Program the input glitch filter with different filter constants using one of the IOCON
divided clock signals (IOCONCLKCDIV, see Figure 9 “LPC81xM clock generation”).
You can also bypass the glitch filter.
• Invert the input signal.
• Hysteresis can be enabled or disabled.
• For pins PIO0_10 and PIO0_11, select the I2C-mode and output driver for standard
digital operation, for I2C standard and fast modes, or for I2C Fast mode+.
• On mixed digital/analog pins, enable the analog input mode. Enabling the analog
mode disconnects the digital functionality.
Remark: The functionality of each I/O pin is flexible and is determined entirely through the
switch matrix. See Section 8.9 for details.
8.8.1 Standard I/O pad configuration
Figure 7 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver with configurable open-drain output
• Digital input: Weak pull-up resistor (PMOS device) enabled/disabled
• Digital input: Weak pull-down resistor (NMOS device) enabled/disabled
• Digital input: Repeater mode enabled/disabled
• Digital input: Input glitch filter selectable on all pins
• Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com