Electronic Components Datasheet Search
  English  ▼

X  

AD9854 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9854 Datasheet HTML 31Page - Analog Devices AD9854 Datasheet HTML 32Page - Analog Devices AD9854 Datasheet HTML 33Page - Analog Devices AD9854 Datasheet HTML 34Page - Analog Devices AD9854 Datasheet HTML 35Page - Analog Devices AD9854 Datasheet HTML 36Page - Analog Devices AD9854 Datasheet HTML 37Page - Analog Devices AD9854 Datasheet HTML 38Page - Analog Devices AD9854 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AD9854
Rev. E | Page 35 of 52
A<5:0>
D<7:0>
A1
D1
A2
D2
A3
D3
tRDHOZ
tRDLOV
tAHD
tADV
SPECIFICATION
VALUE
DESCRIPTION
tADV
tAHD
tRDLOV
tRDHOZ
15ns
5ns
15ns
10ns
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
RD
Figure 52. Parallel Port Read Timing Diagram
D<7:0>
D1
D2
D3
SPECIFICATION
VALUE
DESCRIPTION
tASU
tDSU
tADH
tDHD
8.0ns
3.0ns
ADDRESS SETUP TIME TO WR SIGNAL ACTIVE
DATA SETUP TIME TO WR SIGNAL ACTIVE
0ns
0ns
ADDRESS HOLD TIME TO WR SIGNAL INACTIVE
DATA HOLD TIME TO WR SIGNAL INACTIVE
tWRLOW
tWRHIGH
tWR
2.5ns
WR SIGNAL MINIMUM LOW TIME
7ns
10.5ns
WR SIGNAL MINIMUM HIGH TIME
MINIMUM WRITE TIME
A<5:0>
A1
A2
A3
tASU
tAHD
tWRHIGH
tWRLOW
tDHD
tDSU
tWR
WR
Figure 53. Parallel Port Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com