Electronic Components Datasheet Search
  English  ▼

X  

AD9854 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9854 Datasheet HTML 44Page - Analog Devices AD9854 Datasheet HTML 45Page - Analog Devices AD9854 Datasheet HTML 46Page - Analog Devices AD9854 Datasheet HTML 47Page - Analog Devices AD9854 Datasheet HTML 48Page - Analog Devices AD9854 Datasheet HTML 49Page - Analog Devices AD9854 Datasheet HTML 50Page - Analog Devices AD9854 Datasheet HTML 51Page - Analog Devices AD9854 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
AD9854
Rev. E | Page 52 of 52
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-AEC-HD
0.75
0.60
0.45
1.20
MAX
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
0.27
0.22
0.17
0.65 BSC
LEAD PITCH
BOTTOM VIEW
(PINS UP)
9.50 SQ
EXPOSED
PAD
20
21
21
40
40
41
61
61
60
41
60
80
80
1
20
1
16.20
16.00 SQ
15.80
14.20
14.00 SQ
13.80
Figure 71. 80-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-80-4)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-BEC
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
61
60
1
80
20
41
21
40
VIEW A
1.60
MAX
0.75
0.60
0.45
16.20
16.00 SQ
15.80
14.20
14.00 SQ
13.80
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
TOP VIEW
(PINS DOWN)
PIN 1
Figure 72. 80-Lead Low Profile Quad Flat Package [LQFP]
(ST-80-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9854ASVZ1
−40°C to +85°C
80-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-80-4
AD9854AST
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9854ASTZ1
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9854/PCB
Evaluation Board
1 Z = RoHS Compliant Part.
©2002–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00636-0-7/07(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com