Electronic Components Datasheet Search
  English  ▼

X  

AD9854 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9854 Datasheet HTML 10Page - Analog Devices AD9854 Datasheet HTML 11Page - Analog Devices AD9854 Datasheet HTML 12Page - Analog Devices AD9854 Datasheet HTML 13Page - Analog Devices AD9854 Datasheet HTML 14Page - Analog Devices AD9854 Datasheet HTML 15Page - Analog Devices AD9854 Datasheet HTML 16Page - Analog Devices AD9854 Datasheet HTML 17Page - Analog Devices AD9854 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AD9854
Rev. E | Page 14 of 52
Figure 16 and Figure 17 show the narrow-band performance of the AD9854 when operating with a 200 MHz reference clock with the
REFCLK multiplier bypassed vs. a 20 MHz reference clock and the REFCLK multiplier enabled at 10×.
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 16. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
200 MHz REFCLK with REFCLK Multiplier Bypassed
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 17. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
20 MHz REFCLK with REFCLK Multiplier = 10×
–100
–110
–150
–120
–130
–140
–160
–170
AOUT = 80MHz
AOUT =5MHz
FREQUENCY (Hz)
10
1M
100
100k
10k
1k
Figure 18. Residual Phase Noise,
300 MHz REFCLK with REFCLK Multiplier Bypassed
FREQUENCY (Hz)
–90
–100
–140
–110
–120
–130
–150
–160
10
1M
100
100k
10k
1k
AOUT =80MHz
AOUT =5MHz
Figure 19. Residual Phase Noise,
30 MHz REFCLK with REFCLK Multiplier = 10×
DAC CURRENT (mA)
55
0
5
10
15
20
25
54
53
52
51
50
49
48
Figure 20. SFDR vs. DAC Current, 59.1 AOUT,
300 MHz REFCLK with REFCLK Multiplier Bypassed
FREQUENCY (MHz)
620
0
615
610
605
600
595
590
20
40
60
80
100
120
140
Figure 21. Supply Current vs. Output Frequency (Variation Is Minimal,
Expressed as a Percentage, and Heavily Dependent on Tuning Word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com