| Electronic Components Datasheet Search |
|
AD9854 Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9854 Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 52 page ![]() AD9854 Rev. E | Page 39 of 52 SDIO D7 I7 SCLK INSTRUCTION CYCLE DATA TRANSFER CYCLE I6 I5 I4 I3 I0 I2 I1 D6 D5 D4 D3 D2 D1 D0 CS Figure 58. Serial Port Write Timing Clock Stall Low SDIO DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 SCLK INSTRUCTION CYCLE DON'T CARE SDO DATA TRANSFER CYCLE I7 I6 I5 I4 I3 I0 I2 I1 CS Figure 59. 3-Wire Serial Port Read Timing Clock Stall Low D7 D6 D5 D4 D3 D2 D1 D0 SDIO SCLK INSTRUCTION CYCLE DATA TRANSFER CYCLE I7 I6 I5 I4 I3 I0 I2 I1 CS Figure 60. Serial Port Write Timing Clock Stall High I7 I6 I5 I4 I3 I0 I2 I1 SDIO SCLK INSTRUCTION CYCLE DATA TRANSFER CYCLE DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 CS Figure 61. 2-Wire Serial Port Read Timing Clock Stall High CR [8] is the internal update active bit. When this bit is set to Logic 1, the I/O UD CLK pin is an output and the AD9854 generates the I/O UD CLK signal. When this bit is set to Logic 0, external I/O UD CLK functionality is performed and the I/O UD CLK pin is configured as an input. CR [7] is reserved. Write to 0. CR [6] is the inverse sinc filter bypass bit. When this bit is set, the data from the DDS block goes directly to the output shaped keying logic, and the clock to the inverse sinc filter is stopped. Default is clear with the filter enabled. CR [5] is the shaped keying enable bit. When this bit is set, the output ramping function is enabled and is performed in accordance with the CR [4] bit requirements. CR [4] is the internal/external output shaped keying control bit. When this bit is set to Logic 1, the output shaped keying factor is internally generated and applied to both the I and Q paths. When this bit is cleared (default), the output shaped keying function is externally controlled by the user, and the ouput shaped keying factor is the value of the I and Q output shaped keying factor register. The two registers that are the output shaped keying factors also default low such that the output is off at power-up until the device is programmed by the user. CR [3:2] are reserved. Write to 0. CR [1] is the serial port MSB-/LSB-first bit. Default is low, MSB first. CR [0] is the serial port SDO active bit. Default is low, inactive. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |