Electronic Components Datasheet Search
  English  ▼

X  

AD9854 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9854 Datasheet HTML 24Page - Analog Devices AD9854 Datasheet HTML 25Page - Analog Devices AD9854 Datasheet HTML 26Page - Analog Devices AD9854 Datasheet HTML 27Page - Analog Devices AD9854 Datasheet HTML 28Page - Analog Devices AD9854 Datasheet HTML 29Page - Analog Devices AD9854 Datasheet HTML 30Page - Analog Devices AD9854 Datasheet HTML 31Page - Analog Devices AD9854 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AD9854
Rev. E | Page 28 of 52
h, it
s phase
put carrier.
2.
o Phase
ster 2.
4.
Activate the I/O update clock when ready.
ct
1
using the serial or high speed parallel programming bus.
•
Continue chirp by immediately returning to the beginning
frequency (F1) in a sawtooth fashion, and then repeating the
previous chirp process using the CLR ACC1 control bit.
An automatic, repeating chirp can be set up by using the
32-bit update clock to issue the CLR ACC1 command at
precise time intervals. Adjusting the timing intervals or
changing the delta frequency word changes the chirp
range. It is incumbent upon the user to balance the chirp
duration and frequency resolution to achieve the proper
frequency range.
BPSK (Mode 100)
Binary, biphase, or bipolar phase shift keying is a means to
rapidly select between two preprogrammed 14-bit output phase
offsets that equally affect both the I and Q outputs of the
AD9854. The logic state of Pin 29, the BPSK pin, controls the
selection of Phase Adjust Register 1 or Phase Adjust Register 2.
When low, Pin 29 selects Phase Adjust Register 1; when hig
selects Phase Adjust Register 2. Figure 48 illustrate
changes made to four cycles of an out
Basic BPSK Programming Steps
1.
Program a carrier frequency into Frequency Tuning Word 1.
Program the appropriate 14-bit phase words int
Adjust Register 1 and Phase Adjust Regi
3.
Attach the BPSK data source to Pin 29.
Note that for higher-order PSK modulation, the user can sele
the single-tone mode and program Phase Adjust Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com