Electronic Components Datasheet Search
  English  ▼

X  

AD9854 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9854 Datasheet HTML 20Page - Analog Devices AD9854 Datasheet HTML 21Page - Analog Devices AD9854 Datasheet HTML 22Page - Analog Devices AD9854 Datasheet HTML 23Page - Analog Devices AD9854 Datasheet HTML 24Page - Analog Devices AD9854 Datasheet HTML 25Page - Analog Devices AD9854 Datasheet HTML 26Page - Analog Devices AD9854 Datasheet HTML 27Page - Analog Devices AD9854 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD9854
Rev. E | Page 24 of 52
the 32-bit internal update clock (see the Internal and External
Update Clock section).
Nonlinear ramped FSK has the appearance of the chirp function
shown in Figure 43. The difference between a ramped FSK
function and a chirp function is that FSK is limited to operation
between F1 and F2, whereas chirp operation has no F2 limit
frequency.
Two additional control bits (CLR ACC1 and CLR ACC2) are
available in the ramped FSK mode that allow more options. If
CLR ACC1 (Register Address 1F hex) is set high, it clears the
48-bit frequency accumulator (ACC1) output with a retriggerable
one-shot pulse of one system clock duration. If the CLR ACC1
bit is left high, a one-shot pulse is delivered on the rising edge of
every update clock. The effect is to interrupt the current ramp,
reset the frequency to the start point (F1 or F2), and then continue
to ramp up (or down) at the previous rate. This occurs even when
a static F1 or F2 destination frequency has been achieved.
Alternatively, the CLR ACC2 control bit (Register Address 1F
hex) is available to clear both the frequency accumulator
(ACC1) and the phase accumulator (ACC2). When this bit is
set high, the output of the phase accumulator results in 0 Hz
output from the DDS. As long as this bit is set high, the
frequency and phase accumulators are cleared, resulting in 0 Hz
output. To return to previous DDS operation, CLR ACC2 must
be set to logic low.
Chirp (Mode 011)
This mode is also known as pulsed FM. Most chirp systems use
a linear FM sweep pattern, but the AD9854 can also support
nonlinear patterns. In radar applications, use of chirp or pulsed
FM allows operators to significantly reduce the output power
needed to achieve the result that a single-frequency radar
system would produce. Figure 43 shows a very low resolution
nonlinear chirp, demonstrating the different slopes that are created
by varying the time steps (ramp rate) and frequency steps (delta
frequency word).
F2
F1
0
MODE
TW1
TW2
FSK DATA
TRIANGLE BIT
000 (DEFAULT)
0
0
010 (RAMPED FSK)
F1
F2
Figure 42. Automatic Linear Ramping Using the Triangle Bit
F1
0
010 (RAMPED FSK)
F1
000 (DEFAULT)
0
MODE
TW1
DFW
RAMP RATE
I/O UD CLK
Figure 43. Example of a Nonlinear Chirp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com