Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 5 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 5 Page - Hirose Electric

  FH36 Datasheet HTML 1Page - Hirose Electric FH36 Datasheet HTML 2Page - Hirose Electric FH36 Datasheet HTML 3Page - Hirose Electric FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Copper foil
Cover adhesive
Covering film layer
Reinforcement material adhesive
Stiffener
sRecommended FPC construction
1. Using Single-sided FPC
2. Using Double-sided FPC
3.Precautions
Material Name
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Material
Material Thickness
(µm)
Cu
1oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide 3 mil thick
Total
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
Covering film layer
Cover adhesive
Polyamide
1 mil thick.
3
35
25
25
40
75
203
(25)
(25)
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide
1 mil thick
Total
(18)
25
25
25
25
197
Polyamide
1 mil thick
Cu
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
(25)
(25)
3
15
18
18
25
18
Material Name
Material
Material Thickness
(µm)
* To prevent release of the FPC due to its bending, use of the double sided FPC with copper foil on the back side is NOT RECOMMENDED.
1. This specification is a recommendation for the construction of the FH36 Series FPC (t=0.2
± 0.03)
2. For details about the construction, please contact the FPC manufacturers.
Connecting side
Back side
Connecting side
Back side
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
qContact FPC manufacturer for specific details.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com