Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 11 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 11 Page - Hirose Electric

Back Button FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric FH36 Datasheet HTML 10Page - Hirose Electric FH36 Datasheet HTML 11Page - Hirose Electric FH36 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Precautions
As illustrated (Fig. 5) angle insertion may cause electrical discontinuity when the FPC is deflected in use.
xVerification of the fully closed actuator
The FPC should be fully inserted, with its positioning tabs fully behind the protrusions on both sides of the con-
nector’s insertion slot (Fig. 6).
Protrusions FPC positioning
FPC positioning tab
[ Routing of the FPC (FPC fully inserted / actuator closed) ]
xDo not apply any pull or upward-directed force to the FPC.
Do not make any sharp bends of FPC close to the immediate exit from the connector (Fig. 7)
• To avert insertion of the FPC at an angle, consideration should be given to securing enough insertion space
when designing the board lay-out. Insertion will be difficult when the FPC is too short.
• Contact FPC manufacturer for information about the bending specifications.
Opening of the FPC pattern
Fig. 5
Fig. 7
Fig. 6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com