Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 9 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric FH36 Datasheet HTML 10Page - Hirose Electric FH36 Datasheet HTML 11Page - Hirose Electric FH36 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Precautions
Exercise care when handling connectors. Follow recommendations given below.
[ Precautions when mounting connectors on the PCB ]
xHandling before mounting on PCB
Insertion of the FPC or operation of the actuator prior to mounting on the PCB is NOT RECOMMENDED.
xPC board warpage
Minimize the warpage as much as possible. The connector is straight within 0.1 mm max. Make sure that the mount-
ing area flatness can accept the connector terminals without causing any failure of the solder joints.
xWhen braking the large PC board into individual boards exercise care NOT to damage the installed connectors.
xWhen attaching the boards or other components with the screws make sure that any stresses will NOT cause
board deflections affecting the mounting areas of the connector.
xBending of the board
For a board width of 100 mm, bending of the board must be 0.5 mm max. (Ref to Fig. 1)
100
F
Connector
Board
100
Connector
Board
F
Axis of rotation
2
Assure free rotation of the actuator.
[ Precautions during FPC insertion and mating ]
Pay attention to the following points when inserting FPC.
xActuator operation
1 Do not apply excessive force when opening the actuator prior to FPC insertion. When opening make sure that
the force is applied only to the actuator itself, avoiding touching of the contacts.
Damage to the actuator
Damage to the actuator
Actuator
Fig. 1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com