Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 8 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric FH36 Datasheet HTML 10Page - Hirose Electric FH36 Datasheet HTML 11Page - Hirose Electric FH36 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Rotate down the actuator until firmly closed.
3
sOperation and Precautions
Operation
1. FPC insertion procedure. Connector installed on the board.
Lift up the actuator.
Use thumb or index finger.
2. FPC removal
Lift up the actuator
Pull up the FPC at an angle of approximately 10°
① and than with-
drew it from the connector
②.
1
1
Insert the FPC (contact surfaces facing down) at angle of
approximately 10° to the board surface
①, making sure that
the FPC positioning tabs clear the protrusions on both sides
of the connector. Lower the FPC down
②, parallel to the
board surface.
2
FPC contact surface
faces downward
Protrusions for
the FPC positioning.
①
②
Protrusions for FPC positioning
125
°
①
②
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com