Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH36 Datasheet HTML 2Page - Hirose Electric FH36 Datasheet HTML 3Page - Hirose Electric FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric FH36 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
sPackaging Specification
qEmbossed Carrier Tape Dimensions
(Tape width of 24mm max.)
qEmbossed Carrier Tape Dimensions
(Tape width of 32mm min.)
qReel Dimensions
2±0.15
4±0.1
(1.5)
(2.95)
(3.85)
(1)
Flat surface, for placement
with automatic equipment.
8±0.1
Ø1.5
+0.1
0
(0.3)
Unreeling direction
1.5
+0.1
0
(1.5)
2±0.15
4±0.1
(0.3)
8±0.1
Flat surface, for placement
with automatic equipment.
(Q:OUTSIDE)
(P:INSIDE)
(25 pockets min.)
(25 pockets min.)
End section
Mounting section
Embossed carrier tape
No connector inserted
Lead section (400mm min.)
No connector inserted
Top cover tape
All dimensions: mm
Part Number
FH36-15S-0.3SHW(50)
FH36-17S-0.3SHW(50)
FH36-19S-0.3SHW(50)
FH36-25S-0.3SHW(50)
FH36-29S-0.3SHW(50)
FH36-33S-0.3SHW(50)
FH36-35S-0.3SHW(50)
FH36-45S-0.3SHW(50)
FH36-51S-0.3SHW(50)
FH36-61S-0.3SHW(50)
FH36W-11S-0.3SHW(50)
FH36W-15S-0.3SHW(50)
FH36W-17S-0.3SHW(50)
FH36W-19S-0.3SHW(50)
FH36W-23S-0.3SHW(50)
FH36W-27S-0.3SHW(50)
FH36W-31S-0.3SHW(50)
FH36W-33S-0.3SHW(50)
FH36W-39S-0.3SHW(50)
FH36W-51S-0.3SHW(50)
FH36W-61S-0.3SHW(50)
580-1618-8-50
580-1606-9-50
580-1607-1-50
580-1619-0-50
580-1613-4-50
580-1615-0-50
580-1604-3-50
580-1617-5-50
580-1601-5-50
580-1600-2-50
580-1625-3-50
580-1623-8-50
580-1616-2-50
580-1612-1-50
580-1614-7-50
580-1608-4-50
580-1609-7-50
580-1622-5-50
580-1620-0-50
580-1605-6-50
580-1611-9-50
15
17
19
25
29
33
35
45
51
61
11
15
17
19
23
27
31
33
39
51
61
16
16
16
24
24
24
24
24
32
32
16
16
16
16
24
24
24
24
24
32
32
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
28.4
28.4
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
28.4
28.4
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
7.5
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
6.3
6.9
7.5
9.3
10.5
11.7
12.3
15.3
17.1
20.1
5.1
6.3
6.9
7.5
8.7
9.9
11.1
11.7
13.5
17.1
20.1
17.4
17.4
17.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
17.4
17.4
17.4
17.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
21.4
21.4
21.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
21.4
21.4
21.4
21.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
CL No.
Number of contacts
K
L
M
N
P
Q
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com