Electronic Components Datasheet Search
  English  ▼

X  

FH36 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH36
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36 Datasheet(HTML) 2 Page - Hirose Electric

  FH36 Datasheet HTML 1Page - Hirose Electric FH36 Datasheet HTML 2Page - Hirose Electric FH36 Datasheet HTML 3Page - Hirose Electric FH36 Datasheet HTML 4Page - Hirose Electric FH36 Datasheet HTML 5Page - Hirose Electric FH36 Datasheet HTML 6Page - Hirose Electric FH36 Datasheet HTML 7Page - Hirose Electric FH36 Datasheet HTML 8Page - Hirose Electric FH36 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
sSpecifications
Storage
temperature range
Storage
humidity range
-10 to +50°C (Note 3)
Relative humidity 90%
max. (No condensation)
Note 1: When passing the current through all of the contacts, use 70% of the rated current.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage,
shipment or during transportation.
Note 4: Small blisters of the molding compounds in small areas will not affect form, fit or function.
Note 5: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
Item
Specification
Conditions
Rating
Current rating
Voltage rating
0.2 A DC (Note 1)
30 Vrms AC
Operating
temperature range
Operating
humidity range
-55 to +85°C (Note 2)
Relative humidity 90%
max. (No condensation)
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Durability
5.Vibration
6.Shock
7.Humidity
(Steady state)
8.Temperature cycle
9.Resistance to
soldering heat
50 Mø min
No flashover or insulation breakdown
100 mø max.
* Including FPC conductor resistance
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
No electrical discontinuity of 1 µs or longer
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
No electrical discontinuity of 1 µs or longer
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation
No deformation of components affection performance.
100 V DC
90 Vrms AC / one minute
1 mA
10 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm
10 cycles in each of the 3 directions
Acceleration of 981m/s
2, 6 ms duration,
sine half-wave, 3 cycles in each of the 3 axis
96 hours at a temperature of 40°C and humidity of
90 to 95%
Temperature:-55ç➝+15ç to +35ç➝+85ç➝+15ç to +35ç
Time: 30➝ 2 to 3 ➝ 30➝ 2 to 3 minutes
5 cycles
1) Reflow: At the recommended temperature profile.
2) Manual soldering: 350ç ± 10ç for 5 seconds
Recommended FPC
Thickness: 0.2±0.03mm Gold plated
FH 36 W - 51S - 0.3 SHW (50)
sOrdering information
Series name
: FH
Series No.
: 36
Blank :Standard
W :Halogen-free
(Flame retardance UL94HB).
Number of positions : 11 to 61
Contact pitch : 0.3mm
Termination type: SMT horizontal staggered mounting type
Plating specifications (50)…Gold plating with nickel barrier
1
2
3
4
5
6
7
4
5
3
6
7
Part
Material
Finish
Remarks
Insulator
LCP
Color: Beige
UL94V-0
Actuator
PA
FH36 series: Dark brown
FH36W series: Light brown
UL94HB
Contacts
Phosphor bronze
Gold plating
-----------------
Metal fittings
Pure tin reflow plating
-----------------
sMaterials
1
2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com