Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 3Page - Omron Electronics LLC WLH2 Datasheet HTML 4Page - Omron Electronics LLC WLH2 Datasheet HTML 5Page - Omron Electronics LLC WLH2 Datasheet HTML 6Page - Omron Electronics LLC WLH2 Datasheet HTML 7Page - Omron Electronics LLC WLH2 Datasheet HTML 8Page - Omron Electronics LLC WLH2 Datasheet HTML 9Page - Omron Electronics LLC WLH2 Datasheet HTML 10Page - Omron Electronics LLC WLH2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
WL
WL
7
General-purpose Models
These Limit Switches are two-circuit double-break switches housed
in rugged diecast, thus making it an oil-tight, waterproof and dust-
proof construction (complies with IP67).
In addition to the standard models, microload models are also avail-
able.
A wide range of actuators with a range of functions are available;
rotating lever, plunger, flexible rod etc.
The rubber material in the standard models is designed to be resist-
ant to water and most oils.
Nomenclature
Set Position Marker Plate
After operation, set the indicator needle on the
marker plate so that is in the convex section of the
bearing. For the WLD2, insert the needle so that is
is between the two main wires on the plunger.
Roller
The roller is made of self-lubricating sintered stain-
less steel and boasts high resistance to wear.
Requires maintenance (excessive overtravel)
Shaft Section Seal
By fitting an O-ring to the rotary shaft and with an
appropriate interference of the screws, high-seal-
ing properties are maintained.
Conduit Opening (See note 1.)
The conduit threads are parallel threads for G1/2
tube and offer further increased sealing properties
when used in conjunction with the SC connector.
Head
The Head used in the roller lever type, adjustable
rod lever type, or horizontal plunger type (except
the -2N Series) can be mounted in any of the four
directions by removing the screws at the four cor-
ners of the Head.
Requires maintenance
(excessive overtravel)
Proper range
Requires
maintenance
(insufficient overtravel)
Proper range
Head-mounting
Screws
Bearing
The bearing smooths the plunger movement.
Built-in Switch
The built-in switch (for all models except the micro-
load models) has an extended mechanical life of 15
million operations or more.
Lever
The lever forged of anti-corrosive aluminium alloy
features high corrosion resistances and outstand-
ing ruggedness. With roller lever, adjustable rod
and flexible rod models, the actuator position can
be set anywhere within 360_. (The lever cannot be
mounted in the opposite direction.)
Roller Lever Setscrew
Operational Plunger (See note 2.)
Cover Seal
By using an O-ring as the cover seal, an optimum
squeeze can be obtained and high sealing proper-
ties are assured as well.
Terminal Screws
M4 screws
Cover
Insulator
The insulator has outstanding insulation proper-
ties and prevents the generation of any gases
which may corrode the internal parts.
Cover Setscrew
A Phillips screw is used to ensure ease of use.
Note: 1. The display for conduit threads has changed from PF1
/2 to G1/2, according to revisions of JIS B 0202. This is only a change in the
display, so the thread size and pitch have not changed. (Conduit threads Pg 13.5 and 1/2-14NPT are also available.)
2. By changing the orientation of the operational plunger, three operational directions can be selected electrically. (This is only pos-
sible with general-purpose roller lever, adjustable roller lever, and adjustable rod lever models. For the overtravel models, only -2N
Series models have this function.)
Ratings
Type
Rated
lt
Non-inductive load
Inductive load
yp
voltage
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
Standard,
l
125 VAC
10 A
10 A
3A
1.5 A
10 A
5A
2.5 A
,
overtravel
(except
250 VAC
10 A
10 A
2A
1A
10 A
3A
1.5 A
(except
high-sensitivity
500 VAC
10 A
10 A
1.5 A
0.8 A
3A
1.5 A
0.8 A
high sensitivity
models), and
high precision
8VDC
10 A
6A
3A
10 A
6A
high-precision
models.
14 VDC
10 A
6A
3A
10 A
6A
models.
30 VDC
6A
4A
3A
6A
4A
125 VDC
0.8 A
0.2 A
0.2 A
0.8 A
0.2 A
250 VDC
0.4 A
0.1 A
0.1 A
0.4 A
0.1 A
Overtravel
(hi h
i i i )
125 VAC
5A
---
---
---
(high-sensitivity)
250 VAC
5A
125 VDC
0.4 A
---
---
---
250 VDC
0.2 A
Note:
1. The above figures are for standard currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com