Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 9Page - Omron Electronics LLC WLH2 Datasheet HTML 10Page - Omron Electronics LLC WLH2 Datasheet HTML 11Page - Omron Electronics LLC WLH2 Datasheet HTML 12Page - Omron Electronics LLC WLH2 Datasheet HTML 13Page - Omron Electronics LLC WLH2 Datasheet HTML 14Page - Omron Electronics LLC WLH2 Datasheet HTML 15Page - Omron Electronics LLC WLH2 Datasheet HTML 16Page - Omron Electronics LLC WLH2 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
WL
WL
13
Note: 1. Plunger Models: For all models WLj indicates a standard model and WL01j indicates a microload model.
2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Top Plunger
WLD
WL01D
Horizontal Plunger
WLSD
WL01SD
Note:
Stainless steel plunger
Note:
1. Stainless steel plunger
2. Cosmetic nuts.
Top-roller Plunger
WLD2
WL01D2
Horizontal-roller Plunger
WLSD2
WL01SD2
Note: Stainless sintered roller
Note: 1. Stainless sintered roller
2. Cosmetic nuts
3. The WLSD21 model, which has the roller rotated by 90_ is
also available.
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M3.5
Four, M6
Depth: 15 min.
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three,
M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
(see note)
Three, M4 × 13
42 max.
Four, M6
Depth: 15 min.
Four, M3.5
R1 (see note 1)
25 dia. (see
note 2.)
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
42 max.
Four, M3.5
17 dia. × 5 (see note)
42 max.
17 dia. × 5
(see note 1)
Four, M3.5
25 dia.
(see
note 2.)
42 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
9dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com