Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 18Page - Omron Electronics LLC WLH2 Datasheet HTML 19Page - Omron Electronics LLC WLH2 Datasheet HTML 20Page - Omron Electronics LLC WLH2 Datasheet HTML 21Page - Omron Electronics LLC WLH2 Datasheet HTML 22Page - Omron Electronics LLC WLH2 Datasheet HTML 23Page - Omron Electronics LLC WLH2 Datasheet HTML 24Page - Omron Electronics LLC WLH2 Datasheet HTML 25Page - Omron Electronics LLC WLH2 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
WL
WL
22
Actuators
Dimensions (Levers Only)
Lever: Only rotating lever models are illustrated.
WL-1A100
Standard Lever
WL-1A115
Resin Roller
WL-1A400
Bearing Roller
WL-1A118
Nylon Roller:
Roller Width: 30 mm
WL-1A105
Double Nut
WL-1A103S
Spatter Prevention
WL-1A200
Lever Length: 50
Roller Width: 15
WL-1A300
Lever Length: 63
WL-2A100
M5
Allen-head bolt
17.5 dia. × 7 stainless
sintered roller
7.3-dia.
mounting
holes
17.5 dia. × 7
resin roller
7.3-dia.
mounting
holes
M5
Allen-head bolt
17 dia. × 6
bearing roller
17.5 dia. × 30
Nylon roller
17.5 dia. × 7
stainless sintered roller
Two, M5 Allen-head
nut and arm set screw
17.5 dia. × 7
stainless steel roller
17.5 dia. × 15
stainless steel roller
17.5 dia. × 7
stainless sintered roller
17.5 dia. × 7
stainless sintered roller
Adjustable lever:
stainless steel
Adjustable range:
25 to 89
M5
Allen-head bolt
M5
Allen-head bolt
M5
Allen-head bolt
M5
Allen-head bolt
M5
Allen-head
bolt
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes
M5
Allen-head bolt
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com