Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 33Page - Omron Electronics LLC WLH2 Datasheet HTML 34Page - Omron Electronics LLC WLH2 Datasheet HTML 35Page - Omron Electronics LLC WLH2 Datasheet HTML 36Page - Omron Electronics LLC WLH2 Datasheet HTML 37Page - Omron Electronics LLC WLH2 Datasheet HTML 38Page - Omron Electronics LLC WLH2 Datasheet HTML 39Page - Omron Electronics LLC WLH2 Datasheet HTML 40Page - Omron Electronics LLC WLH2 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
WL
WL
37
Top-roller Plunger
WLD2
Note:
1. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
2. The above diagram is for a lamp-equipped model.
Direct-wired Connector Models
Note: Stainless sintered roller
Pre-wired Connector Models
17 dia. x 5
(see note)
42 max.
17 dia. x 5
(see note)
SC-1M
XS2H-D421
42 max.
Four, M3.5 × 10
Four,
5.2 +0.2
0
dia. holes
Three, M4 x 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M3.5 × 10
Four,
5.2 +0.2
0
dia. holes
Four, M6
Depth: 15 min.
Four, M6
Depth: 15 min.
Three, M4 x 13
Operating characteristics
Top-roller plunger
actuator
Operating force: OF max.
26.67 N
Release force: RF min.
8.92 N
Pretravel: PT max.
1.7 mm
Overtravel: OT min.
5.6 mm
Movement differential: MD max. 1mm
Operating position: OP
44±0.8 mm
Total travel position: TTP max.
39.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com