Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 22Page - Omron Electronics LLC WLH2 Datasheet HTML 23Page - Omron Electronics LLC WLH2 Datasheet HTML 24Page - Omron Electronics LLC WLH2 Datasheet HTML 25Page - Omron Electronics LLC WLH2 Datasheet HTML 26Page - Omron Electronics LLC WLH2 Datasheet HTML 27Page - Omron Electronics LLC WLH2 Datasheet HTML 28Page - Omron Electronics LLC WLH2 Datasheet HTML 29Page - Omron Electronics LLC WLH2 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
WL
WL
26
Environment-resistant Models
Spatter-prevention Models
These models are most effective in an arc welding line or places where cutting powder is spattered.
Nomenclature
Roller, Roller Axis
Using stainless steel prevents
spatter from adhering.
Operating Lever
Melamine sinter-painted, it is easy to
peel off the spatter.
Lamp Cover
Heat-resistant resin is used for the
lamp cover.
By using spherical surface for the
display part, it disperses the direc-
tion of spatter.
SUS304 is used for double nut.
Head Cap
Using Teflon prevents spatter from adhering.
Note: Spatter means the Zn powder pro-
duced when welding.
Adhering spatter to the Limit Switch
may cause malfunction of lever or
lamp cover.
The lack of gap prevents spatter pow-
der from clogging.
Double Nut Lever
Allen-head Lever
Screws
SUS304 is used, preventing spatter
from adhering.
List of Models
Rotating Lever Models
Standard Models
Type
Total travel (TT)
Actuators
Neon lamp
LED
yp
(
)
125 VAC
250 VAC
10 to 115 VAC/DC
Approx. 0.6 mA
Approx. 1.9 mA
Approx. 1.0 mA
Standard
One-side operation
is possible
Double nut lever
WLCA2-LEAS
WLCA2-LDAS
Allen-head lever
WLCA2-LES
WLCA2-LDS
Overtra-
vel
General
One-side operation
is impossible
Double nut lever
WLH2-LEAS
WLH2-LDAS
vel
is impossible
Allen-head lever
WLH2-LES
WLH2-LDS
High-
sensitiv-
Double nut lever
WLG2-LEAS
WLG2-LDAS
sensitiv-
ity
Allen-head lever
WLG2-LES
WLG2-LDS
High-precision
One-side operation
is possible
Double nut lever
WLGCA2-LEAS
WLGCA2-LDAS
Allen-head lever
WLGCA2-LES
WLGCA2-LDS
Note:
Consult your OMRON representative for the microload WL01j models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com