Electronic Components Datasheet Search
  English  ▼

X  

WLH2 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button WLH2 Datasheet HTML 20Page - Omron Electronics LLC WLH2 Datasheet HTML 21Page - Omron Electronics LLC WLH2 Datasheet HTML 22Page - Omron Electronics LLC WLH2 Datasheet HTML 23Page - Omron Electronics LLC WLH2 Datasheet HTML 24Page - Omron Electronics LLC WLH2 Datasheet HTML 25Page - Omron Electronics LLC WLH2 Datasheet HTML 26Page - Omron Electronics LLC WLH2 Datasheet HTML 27Page - Omron Electronics LLC WLH2 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
WL
WL
24
WL-1A106
WL-1A110
WL-4A100
WL-4A201
WL-3A100
WL-3A106
Double Nut
50 dia. × 6
Nylon roller
M5
Allen-head
bolt
7.3-dia.
mounting
holes
35 dia. × 6
Nylon roller
M5
Allen-head
bolt
7.3-dia.
mounting
holes
3-dia. stainless
steel rod
7.3-dia. mounting holes
M5 Allen-head
bolt
Adjust-
able
up to
141
2-dia. stainless
steel panel
Adjustable to
a maximum
of 290
7.3-dia. mounting
holes
M5
Allen-head
bolt
3.2-dia.
stainless
steel rod
Adjust-
able
from 350
to 380
Actuator’s
center of
rotation
3.2-dia. stainless
steel rod
Adjust-
able
from
350 to
380
Two, M5 Allen-
head nut and
arm set screw
13 dia.
7.3-dia. mounting
holes
M5
Allen-
head bolt
7.3-dia. mounting
holes
25.5 max.
25.5 max.
WL-3A108
WL-3A200
WL-3A203
WL-4A112
3.2-dia. stainless
steel rod
Adjust-
able
from
630 to
660
2.3-dia. operation
rod
Cap
2.3-dia.
operation
rod
4-dia. stainless
steel rod
Adjust-
able up
to 141
7.3-dia.
mounting
holes
M5
Allen-head
bolt
12.5 dia. max.
M5
Allen-head
bolt
7.3-dia.
mounting
holes
Adhesive
12.5 dia.
max.
M5
Allen-head bolt
7.3-dia.
mounting
holes
24.6 max.
25.5 max.
24.6 max.
M5
Allen-head
bolt
7.3-dia. mounting
holes
WL-2A129
8dia.
Three, 5.3
dia. holes
+0.2
0
7.3
dia. mounting
holes
+0.1
0
Marking
Two,
M5 × 16
Allen-head bolts
Note:
When using the adjustable roller (rod) lever, make sure that the lever is facing downwards. Use caution, as telegraphing (the Switch
turns ON and OFF repeatedly due to inertia) may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com