Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 275Page - Microchip Technology PIC16LF1824 Datasheet HTML 276Page - Microchip Technology PIC16LF1824 Datasheet HTML 277Page - Microchip Technology PIC16LF1824 Datasheet HTML 278Page - Microchip Technology PIC16LF1824 Datasheet HTML 279Page - Microchip Technology PIC16LF1824 Datasheet HTML 280Page - Microchip Technology PIC16LF1824 Datasheet HTML 281Page - Microchip Technology PIC16LF1824 Datasheet HTML 282Page - Microchip Technology PIC16LF1824 Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 279
PIC16(L)F1847
TABLE 25-3:
REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
Page:
INTCON
GIE
PEIE
TMR0IE
INTE
IOCE
TMR0IF
INTF
IOCF
88
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
89
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
90
PIE4
—
—
—
—
—
—
BCL2IE
SSP2IE
92
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
93
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—
CCP2IF
94
PIR4
—
—
—
—
—
—
BCL2IF
SSP2IF
96
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
120
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
126
SSP1ADD
Synchronous Serial Port (I2C) Address Register
286
SSP1BUF
MSSPx Receive Buffer/Transmit Register
235*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
283
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
284
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
285
SSP1MSK
Synchronous Serial Port (I2C mode) Address Mask Register
286
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
281
SSP2ADD
Synchronous Serial Port (I2C mode) Address Register
286
SSP2BUF
Synchronous Serial Port Receive Buffer/Transmit Register
235
SSP2CON1 Synchronous Serial Port (I2C mode) Address Register
283
SSP2CON2 Synchronous Serial Port (I2C mode) Address Mask Register
284
SSP2CON3
SMP
CKE
D/A
PS
R/W
UA
BF
285
SSP2MSK
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
286
SSP2STAT
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
281
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com